Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152S Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DB152S
Description  SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DB152S Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DB152S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DB152S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DB152S Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
55
version:02
RRM
J
C
0
DB151S THRU DB157S
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
Mechanical Data
· Case: DB-S, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL DB151S DB152S DB153S DB154S DB155S DB156S DB157S UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)@T
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.5A
VFM
1.0
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
IR
5.0
200
uA
Typical Junction Capacitance per leg
25
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
40
℃
/W
RθJL
15
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
℃
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 3
www.dyelec.com
Version
I2t Rating for Fusing (t < 8.3ms)
t
2
I
12.554
A
2s
0.402(10.2)
0.378 9.6
0.311
0.291
7.9
7.4
0.035
0.043
0.9
1.1
-
+
~
~
(
)
(
)
DB-S
(
)
(
)
(
)
Dimensions in inches and (millimeters)
0.083
2.10
0.313
0.329
7.95
8.35
(
)
(
)
0.098(2.50)
(
)
0.205(5.2)
0.197(5.0)
C
=100℃
IF(AV)


Similar Part No. - DB152S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB152S RECTRON-DB152S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB152S DCCOM-DB152S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB152S FORMOSA-DB152S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB152S BILIN-DB152S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB152S YANGJIE-DB152S Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB152S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ABS151 DYELEC-ABS151 Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF152 DYELEC-ABF152 Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151 Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S Datasheet
748Kb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151S DYELEC-RDB151S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151 DYELEC-UDB151_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com