Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121IMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7121IMX
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7121IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 9Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 10Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Typical Performance Characteristics T
A= 25˚C, RL = 1MΩ. unless otherwise specified (Continued)
Input Bias Current
vs Temperature
DS012348-69
Input Offset Voltage vs
Common Mode Voltage
@ V
S = ±15V
DS012348-76
Input Offset Voltage vs
Common Mode Voltage
@ V
S = ±5V
DS012348-77
Short Circuit Current
vs Temperature (Sourcing)
DS012348-78
Short Circuit Current
vs Temperature (Sinking)
DS012348-79
Output Voltage vs Output
Current (I
SINK,VS = ±15V)
DS012348-70
Output Voltage vs Output
Current (I
SOURCE,VS = ±15V)
DS012348-71
Output Voltage vs Output
Current (I
SOURCE,VS = ±5V)
DS012348-72
Output Voltage vs Output
Current (I
SINK,VS = ±5V)
DS012348-73
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com