Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121IM5X Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7121IM5X
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IM5X Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM7121IM5X Datasheet HTML 11Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 12Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 13Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 14Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 15Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 16Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 17Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 18Page - National Semiconductor (TI) LM7121IM5X Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Information (Continued)
DS012348-95
FIGURE 5. Step Response toa1V
PP Input Signal Measured across the 75Ω Load
DS012348-98
(a) A
V = −1
DS012348-99
CC = 2 pF for RL = 100Ω
CC = Open for RL = Open
(b) A
V = +2
DS012348-A0
(c) A
V = +2, Capacitive Load
DS012348-A1
RF = 0Ω,CC = Open for VS < 6V
RF = 510Ω,CC = 3 pF for VS ≥ 6V
(d) A
V = +1
DS012348-A2
(e) A
V = +1, VS = +5V, Single Supply Operation
FIGURE 6. Application Test Circuits
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com