Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-2ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4091-2ARZ-R7
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4091-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4091-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADA4091-2/ADA4091-4
Rev. H | Page 5 of 20
VSY = ±15.0 V, VCM = 0.0 V, VO = 0.0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
−250
−35
+250
µV
ADA4091-4 LFCSP package
−400
−40
+400
µV
−40°C ≤ TA ≤ +125°C
−600
+600
µV
Offset Voltage Drift
∆VOS/∆T
3.0
µV/°C
Input Bias Current
IB
−60
−50
nA
−40°C ≤ TA ≤ +85°C
−80
+80
nA
−40°C ≤ TA ≤ +125°C
−510
+510
nA
Input Offset Current
IOS
−3
0.5
+3
nA
−40°C ≤ TA ≤ +85°C
−10
+10
nA
−40°C ≤ TA ≤ +125°C
−140
+140
nA
Input Voltage Range
−15
+15
V
Common-Mode Rejection Ratio
CMRR
VCM = −14.85 V to +14.85 V
104
121
dB
−40°C ≤ TA ≤ +125°C
95
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VO = ±14.7 V
116
119
dB
−40°C ≤ TA ≤ +125°C
108
dB
RL = 10 kΩ, VO = ±14.7 V
102
104
dB
−40°C ≤ TA ≤ +125°C
93
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
14.975
14.980
V
−40°C ≤ TA ≤ +125°C
14.950
V
RL = 10 kΩ to GND
14.900
14.920
V
−40°C ≤ TA ≤ +125°C
14.800
V
Output Voltage Low
VOL
RL = 100 kΩ to GND
−14.996
−14.990
V
−40°C ≤ TA ≤ +125°C
−14.985
V
RL = 10 kΩ to GND
−14.975
−14.950
V
−40°C ≤ TA ≤ +125°C
−14.940
V
Short-Circuit Limit
ISC
Source/sink
±20
mA
Closed-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
71
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 36 V
108
126
dB
−40°C ≤ TA ≤ +125°C
100
dB
Supply Current per Amplifier
ISY
IO = 0 mA
200
250
µA
−40°C ≤ TA ≤ +125°C
350
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 30 pF
0.46
V/µs
Settling Time
tS
To 0.01%
22
µs
Gain Bandwidth Product
GBP
1.27
MHz
Phase Margin
ΦM
72
Degrees
Channel Separation
CS
f = 1 kHz
100
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.8
µV p-p
Voltage Noise Density
en
f = 1 kHz
25
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com