Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADA4500-2
Rev. A | Page 21 of 24
POWER-ON CURRENT PROFILE
The ADA4500-2 powers up with a smooth current profile, with
no supply current overshoot (see Figure 63). When powering up
a system, spikes in the power-up current are undesirable (see
Figure 64). The overshoot requires a designer to source a large
enough power supply (such as a voltage regulator) to supply the
peak current, even though a heavier supply is not necessary once
the system is powered up. If multiple amplifiers are pulling a
spike in current, the system can go into a current limit state and
not power up. This is all avoided with the smooth power up of
the ADA4500-2.
5
0
1
2
3
4
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
TIME (µs)
60
0
5
10
15
20
25
30
35
40
45
50
55
Figure 63. ISY and VSY vs. Time for ADA4500-2 with No Spike
5
0
60
0
5
10
15
20
25
30
35
40
45
50
55
1
2
3
4
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
TIME (µs)
Figure 64. ISY and VSY vs. Time with a Power-Up Spike
For systems that are frequently switching off and on, the power-
up overshoot results in excess power use. As the amplifier switches
off and on, the power consumed by the large spike is repeated
on each power-up, increasing the total power consumption by
magnitudes. As an example, if a battery-powered sensor system
periodically powers up the sensor and signal path, takes a reading,
and shuts down until the next reading, the ADA4500-2 enables
much longer battery life because there is no excess charge being
consumed at each power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com