Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4859-3ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4859-3ACPZ-R2
Description  Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4859-3ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4859-3ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Single-Supply, Fixed G = 2, High Speed,
Video Amplifier with Charge Pump
Data Sheet
ADA4859-3
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated charge pump
Supply range: 3 V to 5.5 V
Output range: −3.3 V to −1.8 V
50 mA maximum output current at −3 V for external use
High speed amplifiers
−3 dB bandwidth: 195 MHz
Slew rate: 740 V/µs
0.1 dB gain flatness: 60 MHz
0.1% settling time: 20 ns
Low power
Total quiescent current: 38 mA
Power-down feature
High input common-mode voltage range
−1.8 V to +3.8 V at +5 V supply
Current feedback architecture
Differential gain error: 0.01%
Differential phase error: 0.02°
Available in 16-lead LFCSP
APPLICATIONS
Professional video
Consumer video
Imaging
Active filters
CONNECTION DIAGRAM
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD, CONNECT TO GROUND.
ADA4859-3
1
2
C1_a
C1_b
CPO
+VS
3
4
11 –IN2
12 +IN2
CHARGE
PUMP
10 OUT2
9
5
6
7
8
16
15
14
13
PD
Figure 1.
GENERAL DESCRIPTION
The ADA4859-3 (triple) is a single-supply, high speed current
feedback amplifier with an integrated charge pump that eliminates
the need for negative supplies in order to output negative voltages
or output a 0 V level for video applications. The 195 MHz, large
signal −3 dB bandwidth at a fixed gain of 2, as well as the 740 V/µs
slew rate, make this amplifier ideal for high resolution professional
and consumer video applications. The amplifier also has a wide
input common-mode voltage range that extends from 1.8 V
below ground to 1.2 V below the positive rail at 5 V supply.
This triple video amplifier is designed to operate on supply
voltages of 3.3 V to 5 V, using only 38 mA total quiescent
current, including the charge pump. To further reduce the
power consumption, it is equipped with a power-down feature
that lowers the total supply current to as low as 2 mA when the
amplifier is not being used. Even in power-down mode, the
charge pump can be used to power external components. The
maximum output current for external use is 50 mA at −3 V.
The ADA4859-3 is available in a 16-lead LFCSP, and it is designed
to work over the industrial temperature range of −40°C to +105°C.


Similar Part No. - ADA4859-3ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4859-3ACPZ-R2 AD-ADA4859-3ACPZ-R2 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4859-3ACPZ-R2 AD-ADA4859-3ACPZ-R2 Datasheet
380Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
Rev. A
More results

Similar Description - ADA4859-3ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
March 29, 2007
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Analog Devices
ADA4856-3 AD-ADA4856-3 Datasheet
513Kb / 20P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
REV. 0
ADA4858-3 AD-ADA4858-3 Datasheet
468Kb / 16P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
REV. 0
ADA4859-3 AD-ADA4859-3 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
logo
Intersil Corporation
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Analog Devices
ADA4856-3 AD-ADA4856-3_16 Datasheet
573Kb / 21P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Rev. B
ADA4858-3 AD-ADA4858-3_16 Datasheet
439Kb / 21P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
Rev. B
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com