Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4859-3ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4859-3ACPZ-R7
Description  Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4859-3ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4859-3ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4859-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADA4859-3
Data Sheet
Rev. A | Page 4 of 16
TA = 25°C, VS = 3.3 V, G = 2, RF = 550 Ω, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
V
OUT = 0.1 V p-p
260
MHz
V
OUT = 2 V p-p
165
MHz
Bandwidth for 0.1 dB Flatness
V
OUT = 2 V p-p, CL = 6 pF
65
MHz
Slew Rate
V
OUT = 2 V step, RL = 150 Ω
530
V/µs
Settling Time to 0.1%
V
OUT = 2 V step
20
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
f
C = 1 MHz, VO = 2 V p-p
−84/−86
dBc
f
C = 5 MHz, VO = 2 V p-p
−73/−77
dBc
Crosstalk
f = 5 MHz
−80
dBc
Total Output Noise
f = 1 MHz
17
nV/√Hz
Input Current Noise
f = 1 MHz
2
pA/√Hz
Differential Gain Error
0.02
%
Differential Phase Error
0.03
Degrees
DC PERFORMANCE
Output Offset Voltage
−25
+9
+25
mV
+Input Bias Current
−2
+0.7
+2
µA
Closed-Loop Gain
1.9
2
2.1
V/V
INPUT CHARACTERISTICS
Input Resistance
+IN
15
MΩ
Input Capacitance
+IN
1.5
pF
Input Common-Mode Voltage Range
−0.9
+2.2
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
−0.7 to +2.1
−1 to +2.3
V
Output Overdrive Recovery Time
Rise/fall, f = 5 MHz
15
ns
Maximum Linear Output Current @ V
O = 1 VPEAK
f
C = 1 MHz, HD2 ≤ −50 dBc
18
mA
POWER-DOWN
Input Voltage
Enabled
1.25
V
Powered down
1.35
V
Bias Current
−0.1
+0.1
µA
Turn-On Time
0.5
µs
Turn-Off Time
2
µs
POWER SUPPLY
Operating Range
3
5.5
V
Total Quiescent Current
Amplifier
14
17
20
mA
Charge Pump
19
mA
Total Quiescent Current When Powered Down
Amplifier
0.15
0.25
0.3
mA
Charge Pump
2
mA
Positive Power Supply Rejection Ratio
Referred to output
−54
−50
dB
Negative Power Supply Rejection Ratio
Referred to output
−50
−47
dB
Charge Pump Output Voltage
−2.1
−2
−1.8
V
Charge Pump Sink Current
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com