Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4898-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
36 V
Power Dissipation
See Figure 4
Differential Mode Input Voltage
±1.5 V
Common-Mode Input Voltage
±11.4 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions; that is, θJA is
specified for a device soldered in the circuit board with its
exposed paddle soldered to a pad on the PCB surface that is
thermally connected to a copper plane, with zero airflow.
Table 4.
Package Type
θJA
θJC
Unit
Single 8-Lead SOIC_N_EP on a 4-Layer Board
47
29
°C/W
Dual 8-Lead SOIC_N_EP on a 4-Layer Board
42
29
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4898-1/
ADA4898-2 package is limited by the associated rise in junction
temperature (TJ) on the die. At approximately 150°C, which is
the glass transition temperature, the plastic changes its properties.
Even temporarily exceeding this temperature limit can change
the stresses that the package exerts on the die, permanently
shifting the parametric performance of the ADA4898-1/
ADA4898-2. Exceeding a junction temperature of 150°C for an
extended period can result in changes in the silicon devices,
potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the output load drive. The quiescent power is
the voltage between the supply pins (VS) times the quiescent
current (IS). The power dissipated due to the load drive depends
upon the particular application. For each output, the power due
to load drive is calculated by multiplying the load current by the
associated voltage drop across the device. RMS voltages and
currents must be used in these calculations.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA. The exposed paddle on the underside of the
package must be soldered to a pad on the PCB surface that is
thermally connected to a copper plane to achieve the specified θJA.
Figure 4 shows the maximum power dissipation vs. the ambient
temperature for the single and dual 8-lead SOIC_N_EP on a
JEDEC standard 4-layer board, with its underside paddle
soldered to a pad that is thermally connected to a PCB plane. θJA
values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
4.5
AMBIENT TEMPERATURE (°C)
0
20
40
60
80
100
10
30
50
70
90
–40
–20
–30
–10
ADA4898-2
ADA4898-1
Figure 4. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION
Rev. E | Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com