Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-4ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4091-4ACPZ-R7
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-4ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4091-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4091-4ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4091-2/ADA4091-4
Data Sheet
Rev. H | Page 8 of 20
AV = 100
AV = 10
AV = 1
ADA4091-2
TA = 25°C
VSY = ±1.5V
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 11. Output Impedance vs. Frequency
TIME (µs)
ADA4091-2
VSY = ±1.5V
TA = 25°C
RL = 100kΩ
CL = 100pF
AV = +1
0
5
10
15
20
25
30
35
40
45
50
2.0
–2.0
1.5
–1.5
1.0
–1.0
0.5
–0.5
0
Figure 12. Large Signal Transient Response
TIME (µs)
0.06
–0.08
–0.06
0.04
–0.04
0.02
–0.02
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
ADA4091-2
VSY = ±1.5V
TA = 25°C
RL = 100kΩ
CL = 100pF
AV = +1
Figure 13. Small Signal Transient Response
FREQUENCY (Hz)
0
0.5
1.0
1.5
2.0
2.5
3.0
100
1k
10k
100k
1M
ADA4091-2
VSY = ±1.5V
VIN = 2.8V p-p
RL = 100kΩ
Figure 14. Output Swing vs. Frequency
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
0
10
20
30
40
50
60
70
80
90
TIME (µs)
ADA4091-2
TA = 25°C
VSY = ±1.5V
Figure 15. Positive Overload Recovery
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
0
10
20
30
40
50
60
70
80
90
TIME (µs)
ADA4091-2
TA = 25°C
VSY = ±1.5V
Figure 16. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com