Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4627-1BRZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4627-1BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 10 of 20
Figure 28. Large Signal Transient Response
Figure 29. Large Signal Transient Response
Figure 30. Small Signal Transient Response
Figure 31. Small Signal Transient Response
Figure 32. Small Signal Transient Response
Figure 33. Small Signal Transient Response
TIME (1µs/DIV)
1
ADA4627-1
TA = 25°C
AV = +1
VIN = 20V p-p
RF = 0Ω
RL = 1kΩ
CL = 1nF
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 20V p-p
RF = RIN = 2kΩ
CF = 10pF
RL = 1kΩ
CL = 100pF
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = +1
VIN = 200mV p-p
RF = 0Ω
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 200mV p-p
RF = RIN = 2kΩ
CF = 5pF
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = +1
VIN = 200mV p-p
RF = 0Ω
RL = 1kΩ
CL = 1nF
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 200mV p-p
RF = RIN = 2kΩ
CF = 5pF
RL = 1kΩ
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com