Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM725 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM725
Description  Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM725 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM725 Datasheet HTML 1Page - National Semiconductor (TI) LM725 Datasheet HTML 2Page - National Semiconductor (TI) LM725 Datasheet HTML 3Page - National Semiconductor (TI) LM725 Datasheet HTML 4Page - National Semiconductor (TI) LM725 Datasheet HTML 5Page - National Semiconductor (TI) LM725 Datasheet HTML 6Page - National Semiconductor (TI) LM725 Datasheet HTML 7Page - National Semiconductor (TI) LM725 Datasheet HTML 8Page - National Semiconductor (TI) LM725 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics (Note 4) (Continued)
Parameter
Conditions
LM725A
LM725
LM725C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage
Gain
R
L ≥ 2kΩ
T
A = TMAX
1,000,000
1,000,000
125,000
V/V
R
L ≥ 2kΩ
T
A = TMIN
500,000
250,000
125,000
V/V
Common-Mode
R
S ≤ 10 kΩ
110
100
115
dB
Rejection Ratio
Power Supply
R
S ≤ 10 kΩ
8.0
20
20
µV/V
Rejection Ratio
Output Voltage Swing
R
L ≥ 2kΩ
±12
±10
±10
V
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Derate at 150˚C/W for operation at ambient temperatures above 75˚C.
Note 3: For supply voltages less than ±22V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: These specifications apply for VS = ±15V unless otherwise specified.
Note 5: For Military electrical specifications RETS725AX are available for LM725AH and RETS725X are available for LM725H.
Schematic Diagram
DS010474-5
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com