Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F614K Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB95F614K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F614K Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB95F614K Datasheet HTML 45Page - Cypress Semiconductor MB95F614K Datasheet HTML 46Page - Cypress Semiconductor MB95F614K Datasheet HTML 47Page - Cypress Semiconductor MB95F614K Datasheet HTML 48Page - Cypress Semiconductor MB95F614K Datasheet HTML 49Page - Cypress Semiconductor MB95F614K Datasheet HTML 50Page - Cypress Semiconductor MB95F614K Datasheet HTML 51Page - Cypress Semiconductor MB95F614K Datasheet HTML 52Page - Cypress Semiconductor MB95F614K Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 49 of 110
PRELIMINARY
MB95610H Series
15.3.4 Port 2 operations
■ Operation as an output port
❐ A pin becomes an output port if the bit in the DDR2 register corresponding to that pin is set to “1”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When a pin is used as an output port, it outputs the value of the PDR2 register to external pins.
❐ If data is written to the PDR2 register, the value is stored in the output latch and is output to the pin set as an output port as it is.
❐ Reading the PDR2 register returns the PDR2 register value.
❐ To use a pin shared with the LCDC as an output port, set a corresponding function select bit in the LCDC enable register 9
(LCDCE9:SEG[51:48]) or in the LCDC enable register 8 (LCDCE8:SEG[47:44]) to “0” to select the general-purpose I/O port
function, and then set the port input control bit (PICTL) in the LCDC enable register 1 (LCDCE1) to “1”.
■ Operation as an input port
❐ A pin becomes an input port if the bit in the DDR2 register corresponding to that pin is set to “0”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ If data is written to the PDR2 register, the value is stored in the output latch but is not output to the pin set as an input port.
❐ Reading the PDR2 register returns the pin value. However, if the read-modify-write (RMW) type of instruction is used to read the
PDR2 register, the PDR2 register value is returned.
❐ To use a pin shared with the LCDC as an input port, set a corresponding function select bit in the LCDC enable register 9
(LCDCE9:SEG[51:48]) or in the LCDC enable register 8 (LCDCE8:SEG[47:44]) to “0” to select the general-purpose I/O port
function, and then set the port input control bit (PICTL) in the LCDC enable register 1 (LCDCE1) to “1”.
■ Operation as a peripheral function output pin
❐ A pin becomes a peripheral function output pin if the peripheral output function is enabled by setting the output enable bit of a
peripheral function corresponding to that pin.
❐ The pin value can be read from the PDR2 register even if the peripheral function output is enabled. Therefore, the output value
of a peripheral function can be read by the read operation on the PDR2 register. However, if the read-modify-write (RMW) type
of instruction is used to read the PDR2 register, the PDR2 register value is returned.
■ Operation as a peripheral function input pin
❐ To set a pin as an input port, set the bit in the DDR2 register corresponding to the input pin of a peripheral function to “0”.
❐ Reading the PDR2 register returns the pin value, regardless of whether the peripheral function uses that pin as its input pin.
However, if the read-modify-write (RMW) type of instruction is used to read the PDR2 register, the PDR2 register value is returned.
■ Operation as an LCDC segment output pin
❐ Set the bit in the DDR2 register corresponding to a desired LCDC segment output pin to “0”.
❐ Select the segment pin by setting a corresponding function select bit in the LCDC enable register 9 (LCDCE9:SEG[51:48]) or in
the LCDC enable register 8 (LCDCE8:SEG[47:44]) to “1”, and then set the PICTL bit in the LCDCE1 register to “1”.
■ Operation at reset
If the CPU is reset, all bits in the DDR2 register are initialized to “0” and port input is enabled.
■ Operation in stop mode and watch mode
❐ If the pin state setting bit in the standby control register (STBC:SPL) is set to “1” and the device transits to stop mode or watch
mode, the pin is compulsorily made to enter the high impedance state regardless of the DDR2 register value. The input of that
pin is locked to “L” level and blocked in order to prevent leaks due to input open.
❐ If the pin state setting bit is “0”, the state of the port I/O or that of the peripheral function I/O remains unchanged and the output
level is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com