Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMH53 Datasheet(PDF) 1 Page - Rohm

Part # EMH53
Description  General purpose (dual digital transistor)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMH53 Datasheet(HTML) 1 Page - Rohm

  EMH53_16 Datasheet HTML 1Page - Rohm EMH53_16 Datasheet HTML 2Page - Rohm EMH53_16 Datasheet HTML 3Page - Rohm EMH53_16 Datasheet HTML 4Page - Rohm EMH53_16 Datasheet HTML 5Page - Rohm EMH53_16 Datasheet HTML 6Page - Rohm EMH53_16 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EMH53
General purpose (dual digital transistor)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-563
 
VCEO
50V
SC-107C
 
 
IC
100mA
 
 
R1
4.7kΩ
 
 
 
 
EMT6
 
                     
l
lFeatures
l
lInner circuit
1)Two DTC043T chips in a EMT package.
2)Mounting possible with EMT3 automatic mounting
  machines.
3)Transistor elements are independent,
  eliminating interference.
4)Mounting cost and area can be cut in half.
l
lApplication
SWITCHING CIRCUIT, INVERTER CIRCUIT, INTERFACE CIRCUIT
DRIVER CIRCUIT
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMH53
SOT-563
(EMT6)
1616
T2R
180
8
8000
H53
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20160119 - Rev.003


Similar Part No. - EMH53_16

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH53 ROHM-EMH53 Datasheet
688Kb / 5P
Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - EMH53_16

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
General purpose Dual digital transistor
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
General purpose (Dual digital transistor)
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com