Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM20702 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM20702
Description  Bluetooth 4.0 EDR and Low Energy compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20702 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM20702 Datasheet HTML 17Page - Cypress Semiconductor BCM20702 Datasheet HTML 18Page - Cypress Semiconductor BCM20702 Datasheet HTML 19Page - Cypress Semiconductor BCM20702 Datasheet HTML 20Page - Cypress Semiconductor BCM20702 Datasheet HTML 21Page - Cypress Semiconductor BCM20702 Datasheet HTML 22Page - Cypress Semiconductor BCM20702 Datasheet HTML 23Page - Cypress Semiconductor BCM20702 Datasheet HTML 24Page - Cypress Semiconductor BCM20702 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Document Number: 002-14773 Rev. *L
Page 21 of 55
CYW20702
5.4 UART Interface
The UART physical interface is a standard, 4-wire interface (RX, TX, RTS, CTS) with adjustable baud rates from 9600 bps to 4.0
Mbps. The interface features an automatic baud rate detection capability that returns a baud rate selection. Alternatively, the baud
rate can be selected via a vendor-specific UART HCI command. The interface supports Bluetooth UART HCI (H4) specifications. The
default baud rate for H4 is 115.2 Kbaud.
The following baud rates are supported:
■ 9600
■ 14400
■ 19200
■ 28800
■ 38400
■ 57600
■ 115200
■ 230400
■ 460800
■ 921600
■ 144444
■ 150000
■ 2000000
■ 3000000
■ 3250000
■ 3692000
■ 4000000
Normally, the UART baud rate is set by a configuration record downloaded after reset or by automatic baud rate detection. The host
does not need to adjust the baud rate. Support for changing the baud rate during normal HCI UART operation is provided through a
vendor-specific command.
The CYW20702 UART operates with the host UART correctly, provided the combined baud rate error of the two devices is within ±2%.
5.4.1 HCI 3-Wire Transport (UART H5)
The CYW20702 supports H5 UART transport for serial UART communications. H5 reduces the number of signal lines required by
eliminating CTS and RTS, when compared to H4.
H5 requires the use of an external LPO. CTS must be pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com