Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577B Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB91F577B
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577B Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB91F577B Datasheet HTML 49Page - Cypress Semiconductor MB91F577B Datasheet HTML 50Page - Cypress Semiconductor MB91F577B Datasheet HTML 51Page - Cypress Semiconductor MB91F577B Datasheet HTML 52Page - Cypress Semiconductor MB91F577B Datasheet HTML 53Page - Cypress Semiconductor MB91F577B Datasheet HTML 54Page - Cypress Semiconductor MB91F577B Datasheet HTML 55Page - Cypress Semiconductor MB91F577B Datasheet HTML 56Page - Cypress Semiconductor MB91F577B Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 53 of 163
MB91570 Series
8. Handling Devices
This section explains the latch-up prevention and the treatment of a pin.
For latch-up prevention
If a voltage higher than VCC or a voltage lower than VSS is applied to an I/O pin, or if a voltage exceeding the ratings is applied
between VCC pin and VSS pin, a latch-up may occur in CMOS IC. If the latch-up occurs, the power supply current increases
excessively and device elements may be damaged by heat. Take care to prevent any voltage from exceeding the maximum ratings
in device application.
Also, the analog power supply voltage (AVcc, AVRH), analog input ,and the power supply voltage to high-current output buffer pins
(DVcc), the power supply voltage of external bus interface (VccE) must not be exceed the digital power supply voltage (Vcc5) when
the power supply voltage to the analog system and high-current output buffer pins the power supply voltage of external bus interface
(VccE) is turned on or off.
In the correct power-on sequence, turn on the digital power supply voltage (Vcc5), analog power supply voltage (AVcc, AVRH), the
power supply voltage of external bus interface (VccE), and the power supply voltage of high-current output buffer pins (DVcc)
simultaneously. Or, turn on the digital power supply voltage (Vcc5), and then turn on analog power supply voltage (AVcc, AVRH), the
power supply voltage of external bus interface (VccE), and the power supply voltage of high-current output buffer pins (DVcc).
Treatment of unused pins
If unused input pins are left open, they may cause a permanent damage to the device due to malfunction or latch-up. Connect a 2k
Ω
resistor to each of unused pins for pull-up or pull-down connection.
Also, if I/O pins are not used, they must be set to the output state for opening or they must be set to the input state and treated in the
same way as for the input pins.
Power supply pins
The device is designed to ensure that if the device contains multiple VCC pin or VSS pin, the pins that should be at the same
potential are interconnected to prevent latch-up or other malfunctions. Further, connect these pins to an external power source or
ground to reduce unwanted radiation, prevent strobe signals from malfunctioning due to a raised ground level, and fulfill the total
output current standard, etc. As shown in figure 1, all Vss power supply pins must be treated in the similar way. If multiple Vcc or
Vss systems are connected, the device cannot operate correctly even within the guaranteed operating range.
Figure 1. Power Supply Input Pins
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com