Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7301 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7301
Description  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM7301 Datasheet HTML 1Page - National Semiconductor (TI) LM7301 Datasheet HTML 2Page - National Semiconductor (TI) LM7301 Datasheet HTML 3Page - National Semiconductor (TI) LM7301 Datasheet HTML 4Page - National Semiconductor (TI) LM7301 Datasheet HTML 5Page - National Semiconductor (TI) LM7301 Datasheet HTML 6Page - National Semiconductor (TI) LM7301 Datasheet HTML 7Page - National Semiconductor (TI) LM7301 Datasheet HTML 8Page - National Semiconductor (TI) LM7301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2500V
Differential Input Voltage
15V
Voltage at Input/Output Pin
(V
+) + 0.3V, (V) −0.3V
Supply Voltage (V
+ −V)
35V
Current at Input Pin
±10 mA
Current at Output Pin (Note 3)
±20 mA
Current at Power Supply Pin
25 mA
Lead Temperature
(Soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
1.8V
≤ V
S ≤ 32V
Junction Temperature Range
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
M5 Package, 5-Pin SOT23
325˚C/W
M Package,
8-Pin Surface Mount
165˚C/W
5.0V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to
V
+/2. Boldface limits apply at the temperature extremes
Typ
LM7301
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
OS
Input Offset Voltage
0.03
6
mV
8
max
TCV
OS
Input Offset Voltage Average Drift
2
µV/˚C
I
B
Input Bias Current
V
CM = 0V
90
200
nA
250
max
V
CM = 5V
−40
−75
nA
−85
min
I
OS
Input Offset Current
V
CM = 0V
0.7
70
nA
max
80
V
CM = 5V
0.7
55
65
R
IN
Input Resistance, CM
0V
≤ V
CM ≤ 5V
39
M
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 5V
88
70
dB
min
67
0V
≤ V
CM ≤ 3.5V
93
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 30V
104
87
84
V
CM
Input Common-Mode Voltage Range
CMRR
≥ 65 dB
5.1
V
−0.1
V
A
V
Large Signal Voltage Gain
R
L = 10 kΩ
71
14
V/mV
V
O = 4.0VPP
10
min
V
O
Output Swing
R
L = 10 kΩ
0.07
0.12
V
0.15
max
4.93
4.88
V
4.85
min
R
L = 2kΩ
0.14
0.20
V
0.22
max
4.87
4.80
V
4.78
min
I
SC
Output Short Circuit Current
Sourcing
11.0
8.0
mA
5.5
min
Sinking
9.5
6.0
mA
5.0
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com