Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR Datasheet(PDF) 2 Page - ETAL Group

Part # HPR
Description  water-proof and dust-proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

HPR Datasheet(HTML) 2 Page - ETAL Group

  HPR Datasheet HTML 1Page - ETAL Group HPR Datasheet HTML 2Page - ETAL Group HPR Datasheet HTML 3Page - ETAL Group HPR Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
2
Hybrid Power Relay (HPR)
1630
5
Functional description
The HPR is voltage level controlled. This means, it will be programmed
ex-factory how it should work: either like a signal-controlled relay,
practically as a monostable function, or with an impulse like a bistable
relay and even with a defined voltage level.
Delay times (TON or TOFF) can be programmed in the microcontroller.
The relay will then be switched on or off after a defined time.
Measurement of the input signal is analog. This allows checking the
system voltage. So for instance if the battery voltage falls below a certain
programmed level (e.g. 5 V), the relay can open the main contact
(automatic load shed). As soon as the level rises again (e.g. > 16 V) it
will be switched back on.
Activation:
There are two ways of activating the relay: level or pulse. The level
activation requires a High Signal being applied to the IN+ terminal so
that the relay switches on the load. The Low Signal disconnects the
load. With the pulse activation the relay alternately switches the load
on and off with each pulse.
Filter function in the activation:
This function serves for tolerating disturbances on the activation line.
Incidental peaks or contact chattering will then not cause inadvertent
connection/disconnection of the load. The value configured for this
function determines how long a control signal has to be applied
permanently to the control input until it will be recognised as such.
Should there be dips in the control signal during the configured time,
it will not be recognised as activation.
Information: Inadvertent activation can thus be prevented.
Low voltage detection:
This function serves for undervoltage protection. If the volt-
age applied to the relay falls below the pre-set value (UOFF),
the load will be disconnected. If the voltage rises again, the
relay can be switched on again either automatically at the
preset value UON or otherwise the switch-on procedure has to be
re-triggered. This would for instance prevent inadvertent start-up of a
machine as requested by the current machinery Directive. Low voltage
detection is via internal tap (SENSE) at load contact 88.
Behaviour in the event of reset of the operating voltage will be configured.
Automatic ON or OFF
Caution: If e.g. an extreme discharge of the battery has the system
voltage fall very quickly below the critical value, the electronic circuitry
does not have enough time and energy to energize the relay. We rec-
ommend to set the status to a safe condition as soon as the operating
voltage is restored, i.e. to the OFF condition.
Activation
> 16 V
CTRL/INIT
> 5 V
T delayed
OFF
T delayed
ON
ON
OFF
88/88a
Level activation with filter function
Pulse activation with filter function
IN
T
filter
T
filter
T
filter
T
filter
T
filter
IN
LOAD
LOAD
Level activation
Pulse activation
IN
IN
LOAD
LOAD
Low voltage detection
U
B
U
ON
U
OFF
LOAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com