Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2633 Datasheet(PDF) 2 Page - NEC

Part # PS2633
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2633 Datasheet(HTML) 2 Page - NEC

  PS2633 Datasheet HTML 1Page - NEC PS2633 Datasheet HTML 2Page - NEC PS2633 Datasheet HTML 3Page - NEC PS2633 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS2633, PS2633L, PS2634, PS2634L
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
VR
Reverse Voltage
V
6
IF
Forward Current (DC)
mA
80
PD
Power Dissipation
mW
150
IF (Peak)
Peak Forward Current
A
1
PW = 100
µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
300
VEBO
Emitter to Base Voltage2
V6
IC
Collector Current
mA
150
PC
Power Dissipation
mW
300
Coupled
BV
Isolation Voltage3
Vr.m.s.
5000
TSTG
Storage Temperature
°C
-55 to +150
TOP
Operating Temperature
°C
-55 to +100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Only PS2633, PS2633L
3. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
(Pin No. 1, 2, 3 Common) and output (Pin No. 4, 5, 6 Common).
OUTLINE DIMENSIONS (Units in mm)
PS2633, PS2634
PS2633L, PS2634L
10.16 MAX
64
13
φ 1
7.62
6.5
0.9± 0.25
9.60 ± 0.4
2.54
MAX
1.34 ± 0.10
0.25 M
2.54
64
1
3
φ 1
2.54
MAX
0.50 ± 0.10
1.34
3.8
MAX
7.62
6.5
0 to 15˚
10.16 MAX
0.25 M
2.54
PIN CONNECTIONS (Top View)
PS2633, PS2633L
PS2634, PS2634L
1.
Anode
2.
Cathode
3.
NC
4.
Emitter
5.
Collector
6.
Base
1.
Anode
2.
Cathode
3.
NC
4.
Emitter
5.
Collector
6.
NC
65
4
12
3
65
4
12
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com