Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F452 Datasheet(PDF) 32 Page - Microchip Technology

Part # 18F452
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F452 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 18F452 Datasheet HTML 28Page - Microchip Technology 18F452 Datasheet HTML 29Page - Microchip Technology 18F452 Datasheet HTML 30Page - Microchip Technology 18F452 Datasheet HTML 31Page - Microchip Technology 18F452 Datasheet HTML 32Page - Microchip Technology 18F452 Datasheet HTML 33Page - Microchip Technology 18F452 Datasheet HTML 34Page - Microchip Technology 18F452 Datasheet HTML 35Page - Microchip Technology 18F452 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 332 page
background image
PIC18FXX2
DS39564B-page 30
 2002 Microchip Technology Inc.
ADRESH
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
242
442
252
452
0000 00-0
0000 00-0
uuuu uu-u
ADCON1
242
442
252
452
00-- 0000
00-- 0000
uu-- uuuu
CCPR1H
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
242
442
252
452
--00 0000
--00 0000
--uu uuuu
CCPR2H
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
242
442
252
452
--00 0000
--00 0000
--uu uuuu
TMR3H
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
242
442
252
452
0000 0000
uuuu uuuu
uuuu uuuu
SPBRG
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
RCREG
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
TXREG
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
TXSTA
242
442
252
452
0000 -010
0000 -010
uuuu -uuu
RCSTA
242
442
252
452
0000 000x
0000 000x
uuuu uuuu
EEADR
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
EEDATA
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
EECON1
242
442
252
452
xx-0 x000
uu-0 u000
uu-0 u000
EECON2
242
442
252
452
---- ----
---- ----
---- ----
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ’0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com