Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7801 Datasheet(PDF) 2 Page - NEC

Part # PS7801
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7801 Datasheet(HTML) 2 Page - NEC

  PS7801 Datasheet HTML 1Page - NEC PS7801 Datasheet HTML 2Page - NEC PS7801 Datasheet HTML 3Page - NEC PS7801 Datasheet HTML 4Page - NEC PS7801 Datasheet HTML 5Page - NEC PS7801 Datasheet HTML 6Page - NEC PS7801 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
RATINGS
UNITS
IF
Forward Current (DC)
50
mA
VR
Reverse Voltage
5
V
PD
Power Dissipation
50
mW
IFP
Peak Forward Current
2
1
A
VL
Break Down Voltage
40
V
IL
Continuous Load Current
100
mA
ILP
Pulse Load Current
3
200
mA
PD
Power Dissipation
250
mW
Viso
Isolation Voltage
4
500
V
PT
Total Power Dissipation
300
mW
TA
Operating Ambient Temp. -40 to +85
°C
TSTG
Storage Temperature
-40 to +100
°C
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100 s, Duty Cycle = 1 %
3. PW = 100 ms, 1 shot
4. AC voltage for 1 minute at TA = 25ºC, RH = 60% between input
and output
PS7801-1A
OUTLINE DIMENSIONS (Units in mm)
N
43
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
12
2.5±0.3
4
1
3
2
4.8 MAX.
0.2±0.1
0.4±0.1
1.27
0.2 MAX.
TOP VIEW
RECOMMENDED MOUNT PAD DIMENSIONS
0.8
1.27
24-R0.1
0.6
(Units in mm)
PART NUMBER
PACKAGE
PACKING STYLE
PS7801-A-F3
4-PIN SSOP
Embossed Tape 3 500 pcs
PS7801-A-F4
ORDERING INFORMATION
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
IF
LED Operating Current
IF
25
20
VF
LED Off Voltage
VF
0
0.5
RECOMMENDED OPERATING CONDITIONS (TA = 25°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com