Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2F Datasheet(PDF) 1 Page - Kingtronics International Company

Part # MB2F
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MB2F Datasheet(HTML) 1 Page - Kingtronics International Company

  MB2F Datasheet HTML 1Page - Kingtronics International Company MB2F Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SURFACE MOUNT FAST SWITCHING RECTIFIER
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 1.0 Ampere
FEATURES
Glass passivated chip junction
Ideal for surface mounted applications
Low leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic body
Epoxy: UL94V-0 rate flame retardant
Polarity: Molded on body
Lead: Plated terminals solderable per MIL-STD-202E
method 208C
Weight: 0.003 ounce, 0.1 gram
MAXIMUM RATINGS AND ELECTRICAL
CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
MB1F
MB2F
MB3F
MB4F
MB6F
MB8F
MB10F
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output Current, 0.06”(1.5mm) lead length at
TA=40℃ (Note 2)
I(AV)
1.0
A
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC
method)
IFSM
30
A
Rating for Fusing (t<8.3ms)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage
drop Per Bridge element 1.0A
VF
1.1
V
Maximum DC Reverse Current at TA=25℃
at Rated DC Blocking voltage
TA=125℃
IR
5.0
0.5
uA
mA
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJC
40
℃/W
Operating and Storage Temperature Range
TJ , TSTG
-55 to +150
℃
1- Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2- Unit mounted on P.C.B. with 0.95”×1.15” copper pads.
MB1F THRU
MB10F
MBF
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - MB2F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB2F PACELEADER-MB2F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB2F PFS-MB2F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB2F LUGUANG-MB2F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB2F FORMOSA-MB2F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB2F JUXING-MB2F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
GS1A-GS1M KINGTRONICS-GS1A-GS1M Datasheet
904Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
M1-THRU-M7 KINGTRONICS-M1-THRU-M7 Datasheet
892Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
US1A-US1M KINGTRONICS-US1A-US1M Datasheet
898Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
GR1A GOOD-ARK-GR1A_15 Datasheet
169Kb / 2P
Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
ABS1-ABS10 KINGTRONICS-ABS1-ABS10 Datasheet
378Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
DB101-DB107 KINGTRONICS-DB101-DB107_16 Datasheet
363Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
First Silicon Co., Ltd
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com