Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90438LPF Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90438LPF Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB90438LPF Datasheet HTML 52Page - Cypress Semiconductor MB90438LPF Datasheet HTML 53Page - Cypress Semiconductor MB90438LPF Datasheet HTML 54Page - Cypress Semiconductor MB90438LPF Datasheet HTML 55Page - Cypress Semiconductor MB90438LPF Datasheet HTML 56Page - Cypress Semiconductor MB90438LPF Datasheet HTML 57Page - Cypress Semiconductor MB90438LPF Datasheet HTML 58Page - Cypress Semiconductor MB90438LPF Datasheet HTML 59Page - Cypress Semiconductor MB90438LPF Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
MB90435 Series
DS07-13727-2E
55
45
40
35
30
25
20
15
10
5
0
23456
fcp = 8 MHz
ICCLS – VCC
VCC [V]
7
25
20
15
10
5
0
23456
ICCT – VCC
VCC [V]
7
100
90
85
70
60
50
40
30
20
0
23456
ICCH2 – VCC
VCC [V]
7
10
(hardware standby, Ta = +25 ˚C)
(Ta = +25 ˚C)
(Ta = +25 ˚C)
fcp = 8 MHz
20
15
10
5
0
27
6
5
4
3
Vcc [V]
ICCH1 – VCC
(STOP, Ta = +25˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com