Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # P9235A-RNDGI8
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button P9235A-RNDGI8 Datasheet HTML 2Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 3Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 9Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
6
May 17, 2016
Pin Configuration
Figure 5. QFN-40 5 mm x 5 mm – Top View
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
SW_B
GND_B
VO_33
VIN_LDO
VO_18
RSVD1
EN
GND_S
VO_5
VIN
30
29
28
27
26
25
24
23
22
21
SW_BRG2
BST_BRG2
GH_BRG2
GPIO_B3
GPIO_B2
LED_GRN
SW_BRG1
GL_BRG1
GND_BRG
GL_BRG2
EP (Center Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com