Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 73 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 73 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 69Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 70Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 71Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 72Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 73Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 74Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 75Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 76Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 77Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
73
January 26, 2016
Figure 3.19 ECM Driver Structure
VDDE
VSS
ECMEN
EC_M
EC_RES
EN
ECMOSF
6
ECMCSHEN
RECMp
CECM
VSS
DAC
OVT Reset
OVIF
UVIF
CSH
CSL
RECMs
ECMCSLEN
Open/Short
Detect
Error
Amplifier
HS
Ctrl
OC
Detect
LS
ctrl
ECM Control
ECMOCIF
DSCEN
3.11.1. ECM Driver Current/Voltage Limitation and Protection against Short to GND or Vbat
The limitation of the current through the load to safe levels for all conditions is achieved by adding an external
resistor between the EC_RES pin and the mirror terminal. Its value is chosen considering the characteristics of
the EC mirror and the nominal supply voltage of the system (see Table 6.1 for recommended external com-
ponents). In addition, the maximum voltage at the output of the driver is limited to the level specified in Table 1.9.
The limitation of this voltage relies on the feedback connection between the mirror terminal and the EC_M pin. If
this connection is missing, the voltage applied by the driver to its load could rise up to the supply of the system, so
an important step before activating the driver is to perform an open/short diagnostic check (see 3.11.3).
The current through both transistors (high-side and low-side) of the output stage is sensed for protecting the
driver against a short to Vbat or GND of both output pins (EC_RES and EC_M). In the event of such failures, if
the current exceeds a specified threshold level (see Table 1.9), the output stage of the ECM driver is
automatically disabled. This event generates an interrupt to the MCU and the ECMOCIF flag bit in the ECMDIAG
register is set (the ECMOCIF bit in IRQSTAT register is set; see



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com