Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Internal Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 15Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
(
)
LX
L
S
AVG
LED
IN
ON
R
r
R
I
V
V
I
L
T
+
+
∗
−
−
∗
=
∆
(
)
L
S
AVG
D
LED
OFF
r
R
I
V
V
I
L
T
+
∗
+
+
∗
=
∆
3
Application Circuit Design
The following sections cover selection of the external components shown in the typical application illustrated on
page 1.
3.1
External Component – Inductor L1
Select the inductor value for L1 as needed to ensure that switch on/off times are optimized across the load current
and supply voltage ranges. Select a coil that has a continuous current rating above the required average output
current to the LEDs and a saturation current exceeding the peak output current. Recommendation: Use inductors
in the range of 15μH to 220μH with saturation current greater than 1A for 700mA output current or saturation
current greater than 500mA for 350mA output current. For higher supply voltages with low output current, select
higher values of inductance, which result in a smaller change in output current across the supply voltage range
(refer to the graphs in section 1.4). See section 7.6 for layout restrictions.
Equations (3) and (4) illustrate calculating the timing for LX switching for the example application circuit shown on
page 2. As given in Table 1.3, the minimum period for TON is 200ns; the minimum period for TOFF is also 200ns.
LX Switch OFF Time TOFF in s
(3)
LX Switch ON Time TON in s
(4)
* With the ZLED7000,
the current ripple ∆I is internally set to an appropriate value of 0.3 * IAVG.
The inductance value has an equivalent effect on Ton and Toff and therefore affects the switching frequency. For
the same reason, the inductance has no influence on the duty cycle for which the relation of the summed LED
forward voltages n VF to the input voltage VIN is a reasonable approximation. Because the input voltage is a
factor in the ON time, variations in the input voltage affect the switching frequency and duty cycle.
Where
L
Coil inductance in H
∆I
Coil peak-peak ripple current in A *
VLED
Total LED forward voltage in V
VD
Diode forward voltage at the
required load current in V
IAVG
Required average LED current in A
RS
External current sense
resistance in Ω
rL
Coil resistance in Ω
VIN
Supply voltage in V
RLX
Switch resistance in Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com