Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB2 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ZLED-PCB2
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB2 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ZLED-PCB2 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB2 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
4
Pin Configuration and Package
Figure 4.1
Pin Configuration ZLED7001
VIN
TOFF
CS
GATE
GND
LD
PWMD
VREF
Table 4.1
Pin Description SOP-8
Pin Name
NO.
Description
VREF
1
1.2V reference voltage. No bypass capacitor needed.
PWMD
2
PWM dimming input. The gate driver operates normally if PWMD is pulled high. The gate driver is turned
off if PWMD is pulled to GND or open.
LD
3
Linear dimming input. If the voltage at LD is < 240mV (typical), LD controls the current sense threshold.
Can also be used as temperature compensation threshold voltage.
GND
4
Internal circuit ground reference. Electrical connection to ground is required.
GATE
5
Output for external N-channel power MOSFET gate driver.
CS
6
Current sense pin that senses the Q1 MOSFET drain current through external resistor RCS. The GATE
output goes low if the voltage at CS > the voltage at the LD pin or the internal 240mV.
TOFF
7
Sets the off-time of the power MOSFET. If left floating, off-time will be 510ns. For increased off-time, a
capacitor must be connected between TOFF and GND.
VIN
8
Supply input of 8V to 450V through a resistor, clamped at 7.1V internally. Low-ESR bypass capacitor to
GND is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com