Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7530 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZLED7530
Description  High Current 40V LED Driver with Switch Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7530 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7530 Datasheet HTML 7Page - Integrated Device Technology ZLED7530 Datasheet HTML 8Page - Integrated Device Technology ZLED7530 Datasheet HTML 9Page - Integrated Device Technology ZLED7530 Datasheet HTML 10Page - Integrated Device Technology ZLED7530 Datasheet HTML 11Page - Integrated Device Technology ZLED7530 Datasheet HTML 12Page - Integrated Device Technology ZLED7530 Datasheet HTML 13Page - Integrated Device Technology ZLED7530 Datasheet HTML 14Page - Integrated Device Technology ZLED7530 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ZLED7x30 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
Trigger
C1 DC
Stop
15.0V
Edge
Negative
Timebase
-5.2 s
Roll
5.00s/div
500kS
10 kS/s
Figure 1.8
LED Open-Circuit Protection (Rs=0.30
Ω, L1=47μH, VIN = 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com