Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-2ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4177-2ARMZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-2ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4177-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4177-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Figure 21. Temperature Coefficient of Offset Voltage (TCVOS), VSY = ±5 V,
8-Lead SOIC and 14-Lead SOIC
Figure 22. Temperature Coefficient of Offset Voltage (TCVOS), VSY = ±5 V,
8-Lead MSOP and 14-Lead TSSOP
Figure 23. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VSY = ±5 V
Figure 24. Temperature Coefficient of Offset Voltage (TCVOS), VSY = ±15 V,
8-Lead SOIC and 14-Lead SOIC
Figure 25. Temperature Coefficient of Offset Voltage (TCVOS), VSY = ±15 V,
8-Lead MSOP and 14-Lead TSSOP
Figure 26. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VS = ±15 V
80
70
60
50
40
30
20
10
TCVOS (µV/°C)
0
VSY = ±5V
8-LEAD SOIC, 14-LEAD SOIC
–0.55
–0.30
–0.05
0.20
0.45
0.70
0.95
40
35
30
25
20
15
10
5
TCVOS (µV/°C)
0
VSY = ±5V
8-LEAD MSOP, 14-LEAD TSSOP
–0.55
–0.30
–0.05
0.20
0.45
0.70
0.95
100
–100
–80
–60
–40
–20
0
20
40
60
80
VCM (V)
–5
–4
–3
–2
–1
0
1
2
3
4
5
AVERAGE – 3σ
AVERAGE
AVERAGE + 3σ
VSY = ±5V
80
70
60
50
40
30
20
10
TCVOS (µV/°C)
0
VSY = ±15V
8-LEAD SOIC, 14-LEAD SOIC
–0.55
–0.30
–0.05
0.20
0.45
0.70
0.95
35
30
25
20
15
10
5
TCVOS (µV/°C)
0
VSY = ±15V
8-LEAD MSOP, 14-LEAD TSSOP
–0.55
–0.30
–0.05
0.20
0.45
0.70
0.95
100
–100
–80
–60
–40
–20
0
20
40
60
80
VCM (V)
–15
–10
–5
5
0
10
15
AVERAGE – 3σ
AVERAGE
AVERAGE + 3σ
VSY = ±15V
Rev. C | Page 13 of 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com