Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4522-2ARMZ
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4522-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
55 V, EMI Enhanced, Zero Drift, Ultralow Noise,
Rail-to-Rail Output Operational Amplifiers
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 5 µV maximum
Extremely low offset voltage drift: 22 nV/°C maximum
Low voltage noise density: 5.8 nV/√Hz typical
117 nV p-p typical from 0.1 Hz to 10 Hz
Low input bias current: 50 pA typical
Unity-gain crossover: 3 MHz typical
Single-supply operation: input voltage range includes
ground and rail-to-rail output
Wide range of operating voltages
Single-supply operation: 4.5 V to 55 V
Dual-supply operation: ±2.25 V to ±27.5 V
Integrated EMI filters
Unity-gain stable
APPLICATIONS
Inductance, capacitance, and resistance (LCR)
meter/megohmmeter front-end amplifiers
Load cell and bridge transducers
Magnetic force balance scales
High precision shunt current sensing
Thermocouple/resistance temperature detector (RTD) sensors
Programmable logic controller (PLC) input and output
amplifiers
GENERAL DESCRIPTION
The ADA4522-1/ADA4522-2/ADA4522-4 are single/dual/quad
channel, zero drift op amps with low noise and power, ground
sensing inputs, and rail-to-rail output, optimized for total
accuracy over time, temperature, and voltage conditions. The
wide operating voltage and temperature ranges, as well as the
high open-loop gain and very low dc and ac errors make the
devices well suited for amplifying very small input signals and
for accurately reproducing larger signals in a wide variety of
applications.
The ADA4522-1/ADA4522-2/ADA4522-4 performance is
specified at 5.0 V, 30 V, and 55 V power supply voltages. These
devices operate over the range of 4.5 V to 55 V, and are excellent
for applications using single-ended supplies of 5 V, 10 V, 12 V,
and 30 V, or for applications using higher single supplies and
dual supplies of ±2.5 V, ±5 V, and ±15 V. The ADA4522-1/
ADA4522-2/ADA4522-4 use on-chip filtering to achieve high
immunity to electromagnetic interference (EMI).
The ADA4522-1/ADA4522-2/ADA4522-4 are fully specified
over the extended industrial temperature range of −40°C to
+125°C and are available in 8-lead MSOP, 8-lead SOIC, 14-lead
SOIC, and 14-lead TSSOP packages.
PIN CONNECTION DIAGRAM
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4522-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM Suffix) and 8-Lead SOIC (R Suffix)
Pin Configuration
For the ADA4522-1 and ADA4522-4 pin connections and for
more information about the pin connections for these products,
see the Pin Configurations and Function Descriptions section.
100
10
1
0.1
10
100k
1M
10k
1k
100
FREQUENCY (Hz)
AV = 100
5V
30V
55V
Figure 2. Voltage Noise Density vs. Frequency, VSY = ±15 V
Table 1. Zero Drift Op Amps (<0.1 µV/°C)
Supply Voltage
5 V
16 V
30 V
55 V
Single
ADA4528-1
AD8638
ADA4638-1
ADA4522-1
AD8628
AD8538
ADA4051-1
Dual
ADA4528-2
AD8639
ADA4522-2
AD8629
AD8539
ADA4051-2
Quad
AD8630
ADA4522-4


Similar Part No. - ADA4522-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4522-2ARMZ AD-ADA4522-2ARMZ Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
ADA4522-2ARMZ AD-ADA4522-2ARMZ Datasheet
1Mb / 48P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev I; 3/25
ADA4522-2ARMZ-R7 AD-ADA4522-2ARMZ-R7 Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
ADA4522-2ARMZ-R7 AD-ADA4522-2ARMZ-R7 Datasheet
1Mb / 48P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev I; 3/25
ADA4522-2ARMZ-RL AD-ADA4522-2ARMZ-RL Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
More results

Similar Description - ADA4522-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
ADA4522-2 AD-ADA4522-2 Datasheet
895Kb / 30P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
REV. B
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com