Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1ARJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4807-1ARJZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1ARJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4807-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4807-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 7 of 33
3 V SUPPLY
TA = 25°C, VS = 3 V, RLOAD = 1 kΩ to midsupply, RF = 0 Ω, G = +1, 0 V ≤ VICM ≤ +VS − 1.5 V, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VOUT = 20 mV p-p
165
MHz
G = +1, VOUT = 2 V p-p
28
MHz
Slew Rate
G = +1, VOUT = 2 V step, 20% to 80%, rise/fall
118/237
V/μs
Settling Time to 0.1%
G = +1, VOUT = 2 V step
40
ns
DISTORTION/NOISE PERFORMANCE
Second Harmonic (HD2)
fC = 1 kHz, VOUT = 2 V p-p
−98
dBc
fC = 100 kHz, VOUT = 2 V p-p
−85
dBc
fC = 1 MHz, VOUT = 2 V p-p
−65
dBc
Third Harmonic (HD3)
fC = 1 kHz, VOUT = 2 V p-p
−94
dBc
fC = 100 kHz, VOUT = 2 V p-p
−91
dBc
fC = 1 MHz, VOUT = 2 V p-p
−68
dBc
Peak-to-Peak Noise
f = 0.1 Hz to 10 Hz
160
nV p-p
Input Voltage Noise
f = 100 kHz
3.1
nV/√Hz
f = 10 kHz
3.3
nV/√Hz
f = 10 Hz
5.8
nV/√Hz
Input Voltage Noise 1/f Corner
29
Hz
Input Current Noise
f = 100 kHz
0.7
pA/√Hz
f = 10 Hz
10
pA/√Hz
Input Current Noise 1/f Corner
2
kHz
DC PERFORMANCE
Input Offset Voltage
0 V ≤ VICM ≤ +VS − 1.5 V
ADA4807-1, ADA4807-2
−125
±20
+125
μV
ADA4807-4
−175
±20
+175
μV
+VS − 1.5 V ≤ VICM ≤ +VS
ADA4807-1, ADA4807-2
−720
±125
+720
μV
ADA4807-4
−850
±125
+850
μV
Input Offset Voltage Drift
0 V ≤ VICM ≤ +VS − 1.2 V, TMIN to TMAX
0.7
3.8
μV/°C
Input Bias Current
0 V ≤ VICM ≤ +VS − 1.5 V
−1.2
−2.0
μA
+VS − 1.5 V ≤ VICM ≤ +VS
500
1000
nA
Input Bias Current Drift
0 V ≤ VICM ≤ +VS − 1.2 V, TMIN to TMAX
2.7
3.8
nA/°C
Input Offset Current
0 V ≤ VICM ≤ +VS − 1.5 V
8
130
nA
+VS − 1.5 V ≤ VICM ≤ +VS
25
150
nA
Input Offset Current Drift
0 V ≤ VICM ≤ +VS − 1.2 V, TMIN to TMAX
40
230
pA/°C
Open-Loop Gain
104
113
dB
INPUT CHARACTERISTICS
Common-Mode Input Resistance
45
MΩ
Differential Input Resistance
35
kΩ
Common-Mode Input Capacitance
1
pF
Differential Input Capacitance
1
pF
Input Common-Mode Voltage Range
−VS − 0.2
+VS + 0.2
V
CMRR
VICM = 0.3 V to 1.3 V
92
110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com