Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-2ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4895-2ARMZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4895-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4895-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, 1 nV/√Hz, G ≥ 10 Stable, Rail-
to-Rail Output Amplifier
Data Sheet
ADA4895-1/ADA4895-2
FEATURES
Low wideband noise
1 nV/√Hz
1.6 pA/√Hz
Low 1/f noise: 2 nV/√Hz at 10 Hz
Low distortion (SFDR): −96 dBc at 100 kHz, VOUT = 2 V p-p
Low power: 3 mA per amplifier
Low input offset voltage: 350 µV maximum
High speed
236 MHz, −3 dB bandwidth (G = +10)
943 V/µs slew rate
22 ns settling time to 0.1%
Rail-to-rail output
Wide supply range: 3 V to 10 V
Disable feature
APPLICATIONS
Low noise preamplifier
Ultrasound amplifiers
PLL loop filters
High performance analog-to-digital converter (ADC) drivers
Digital-to-analog converter (DAC) buffers
GENERAL DESCRIPTION
The ADA4895-1 (single) and ADA4895-2 (dual) are high speed
voltage feedback amplifiers that are gain ≥ 10 stable with low
input noise, rail-to-rail output, and a quiescent current of 3 mA per
amplifier. With a 1/f noise of 2 nV/√Hz at 10 Hz and a spurious-
free dynamic range (SFDR) of −72 dBc at 2 MHz, the ADA4895-1/
ADA4895-2 are an ideal solution in a variety of applications,
including ultrasound, low noise preamplifiers, and drivers of
high performance ADCs. The Analog Devices, Inc., proprietary
next generation SiGe bipolar process and innovative architecture
enables the high performance of these amplifiers.
The ADA4895-1/ADA4895-2 have a small signal bandwidth of
236 MHz at a gain of +10 with a slew rate of 943 V/µs, and settle
to 0.1% in 22 ns. The wide supply voltage range (3 V to 10 V)
of the ADA4895-1/ADA4895-2 make these amplifiers ideal
candidates for systems that require large dynamic range, high
gain, precision, and high speed.
The ADA4895-1 is available in 8-lead SOIC and 6-lead SOT-23
packages, and the ADA4895-2 is available in a 10-lead MSOP
package. All packages operate over the extended industrial
temperature range of −40°C to +125°C.
FUNCTIONAL BLOCK DIAGRAMS
NC
1
–IN
2
+IN
3
–VS 4
8
+VS
7
OUT
6
NC
5
ADA4895-1
DISABLE
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 1. ADA4895-1 Single Amplifier (8-Lead SOIC)
OUT1
1
–IN1
2
+IN1
3
–VS 4
DISABLE1
5
+VS
10
OUT2
9
–IN2
8
+IN2
7
DISABLE2
6
ADA4895-2
Figure 2. ADA4895-2 Dual Amplifier (10-Lead MSOP)
0
1
2
3
4
5
0
12
6
18
24
30
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOLTAGE
CURRENT
Figure 3. Input Voltage and Current Noise vs. Frequency
Table 1. Other Low Noise Amplifiers1
Part Number(s)
ven at 100 kHz
(nV/√Hz)
Bandwidth
(MHz)
Supply
Voltage (V)
AD8021
2.1
490
5 to 24
AD8045
3
1000
3.3 to 12
AD8099
0.95
510
5 to 12
ADA4841-1/ADA4841-2 2.1
80
2.7 to 12
ADA4896-2
1
230
3 to 10
ADA4897-1/ADA4897-2 1
230
3 to 10
ADA4898-1/ADA4898-2 0.9
65
10 to 32
ADA4899-1
1
600
5 to 12
1
See www.analog.com for the latest selection of low noise amplifiers.
COMPANION PRODUCTS
ADCs: AD7944 (14-bit), AD7985 (16-bit), AD7986 (18-bit)
Additional companion products on the ADA4895-1/ADA4895-2
product page
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADA4895-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
More results

Similar Description - ADA4895-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
ADA4896-2_1110 AD-ADA4896-2_1110 Datasheet
632Kb / 28P
1 nV/?숰z, Low Power
REV. B
AD8421 AD-AD8421 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
logo
Texas Instruments
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_16 Datasheet
963Kb / 23P
Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
logo
Analog Devices
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8421 AD-AD8421_16 Datasheet
706Kb / 29P
3 nV/?숰z, Low Power Instrumentation Amplifier
Rev. 0
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
ADA4807-1 AD-ADA4807-1 Datasheet
748Kb / 33P
3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com