Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7372IMAX
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMAX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM7372IMAX Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 9Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 11Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 12Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 13Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 14Page - National Semiconductor (TI) LM7372IMAX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Notes (Continued)
divider network is eliminated and the bias resistors at the
non-inverting inputs are returned to ground, see
Figure 3
(the pin numbers in
Figure 3 are given for the LLP and PSOP
packages, those in
Figure 1 are for the SOIC package). With
a split supply, note that the ground plane and the heatsink
copper must be separate and are at different potentials, with
the heatsink (pin 4 of the LLPand PSOP, pins 6,1,8,9 &16 of
the SOIC) now at a negative potential (V
−).
In either configuration, the area under the input pins should
be kept clear of copper (Whether ground plane copper or
heatsink copper) to avoid parasitic coupling to the inputs.
The LM7372 is stable with non inverting closed loop gains as
low as +2. Typical of any voltage feedback operational am-
plifier, as the closed loop gain of the LM7372 is increased,
there is a corresponding reduction in the closed loop signal
bandwidth. For low distortion performance it is recom-
mended to keep the closed loop bandwidth at least 10X the
highest signal frequency. This is because there is less loop
gain (the difference between the open loop gain and the
closed loop gain) available at higher frequencies to reduce
harmonic distortion terms.
Printed Circuit Board Layout and Evaluation Boards:
Generally, a good high-frequency layout will keep power
supply and ground traces away from the inverting input and
output pins. Parasitic capacitance on these nodes to ground
will cause frequency response peaking and possible circuit
oscillations (see Application Note OA-15 for more informa-
tion). National Semiconductor suggests the following evalu-
ation boards as a guide for high frequency layout and as an
aid in device testing and characterization:
Device
Package
Evaluation
Board PN
LM7372MA
16-Pin SOIC
None
LM7372ILD
8-Pin LLP
CLC730114
LM7372MR
8-Pin PSOP
CLC730121
These free evaluation boards are shipped automatically
when a device sample request is placed with National Semi-
conductor.
The DAP (die attach paddle) on the LLP-8, and the PSOP
should be tied to V−. It should not be tied to ground. See
respective Evaluation Board documentation.
20004926
FIGURE 3. Split Supply Application (LLP)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com