Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183ACPZN0.5-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP7183ACPZN0.5-R7
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183ACPZN0.5-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP7183ACPZN0.5-R7 Datasheet HTML 11Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 12Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 13Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 14Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 15Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 16Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 17Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 18Page - Analog Devices ADP7183ACPZN0.5-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 15 of 19
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADIsimPower™ design tool set supports the ADP7183.
ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials,
and calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and parts count,
taking into consideration the operating conditions and
limitations of the IC and all external components. For more
information about, and to obtain ADIsimPower design tools,
visit www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Output Capacitor
The ADP7183 operates with small, space-saving ceramic
capacitors; however, it functions with general-purpose
capacitors as long as care is taken with regard to the ESR value.
The ESR of the output capacitor affects the stability of the LDO
regulator control loop. A minimum of 4.7 μF capacitance with
an ESR of 0.05 Ω or less is recommended to ensure the stability of
the ADP7183. Output capacitance affects the transient response
to changes in load currents. Using a larger value for the output
capacitance improves the transient response of the ADP7183 to
large changes in load current. Figure 46 shows the transient
response for an output capacitance value of 4.7 μF.
CH1 200mA CH2 2.00mV
M10.00µs
A CH1
–222mA
1
2
T
21.4µs
T
ILOAD
VOUT
Figure 46. Output Transient Response, COUT = 4.7 μF, VOUT = −1.2 V
Input Bypass Capacitor
Connecting a 4.7 μF or greater capacitor from VIN to GND
reduces the circuit sensitivity to the PCB layout, especially when
long input traces or high source impedance are encountered.
When more than 4.7 μF of output capacitance is required,
increase the input capacitance to match it.
CA and CAFB Capacitors
The ultralow output noise of the ADP7183 is achieved by
keeping the LDO error amplifier in unity gain and setting the
reference voltage equal to the output voltage. In this architecture,
the resistor driven by the GM amplifier adjusts the reference
voltage to the selected output voltage. To ensure the GM amplifier
stability, the CA capacitor is needed to generate the dominant
pole and to keep the GM amplifier stable across all conditions.
CA also serves as a dampening capacitor to the inputs of the
LDO error amplifier for improved PSRR. However, the LDO
output noise scales by the GM amplifier amount of gain as a
function of the output voltage. To minimize the output voltage
noise contributed by the GM amplifier, the CAFB capacitor must
be connected between the VA and VAFB pins to keep the ac
gain of the GM amplifier in unity.
REFERENCE
GM
VA
VAFB
GND
CAFB
CA
R2
R1
Figure 47. CA and CAFB Connection to GM Amplifier
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP7183 if they meet the minimum capacitance and maximum
ESR requirements. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temperature
and applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R and X7R dielectrics with a
voltage rating from 6.3 V to 10 V are recommended. Due to their
poor temperature and dc bias characteristics, Y5V and Z5U
dielectrics are not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com