Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-2ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4610-2ARZ-R7
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4610-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4610-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Noise, Precision, Rail-to-Rail Output,
JFET Single/Dual/Quad Op Amps
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage
B grade: 0.4 mV maximum (ADA4610-1/ADA4610-2 only)
A grade: 1 mV maximum
Low offset voltage drift
B grade: 4 µV/°C maximum (ADA4610-1/ADA4610-2 only)
A grade: 8 µV/°C maximum (SOIC, MSOP, LFCSP packages)
Low input bias current: 5 pA typical
Dual-supply operation: ±5 V to ±15 V
Low voltage noise: 0.45 µV p-p at 0.1 Hz to 10 Hz
Voltage noise density: 7.30 nV/√Hz at f = 1 kHz
Low total harmonic distortion (THD) + noise: 0.00025%
No phase reversal
Rail-to-rail output
Unity-gain stable
APPLICATIONS
Instrumentation
Medical instruments
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 1. ADA4610-2 8-Lead SOIC (R Suffix); for Additional Packages and
Models, See the Pin Configurations and Function Descriptions Section
GENERAL DESCRIPTION
The ADA4610-1/ADA4610-2/ADA4610-4 are precision JFET
amplifiers that feature low input noise voltage, current noise,
offset voltage, input bias current, and rail-to-rail output. The
ADA4610-1 is a single amplifier, the ADA4610-2 is a dual
amplifier, and the ADA4610-4 is a quad amplifier.
The combination of low offset, noise, and very low input bias
current makes these amplifiers especially suitable for high
impedance sensor amplification and precise current measurements
using shunts. With excellent dc precision, low noise, and fast
settling time, the ADA4610-1/ADA4610-2/ADA4610-4 provide
superior accuracy in medical instruments, electronic measurement,
and automated test equipment. Unlike many competitive
amplifiers, the ADA4610-1/ADA4610-2/ADA4610-4 maintain
fast settling performance with substantial capacitive loads. Unlike
many older JFET amplifiers, the ADA4610-1/ADA4610-2/
ADA4610-4 do not suffer from output phase reversal when input
voltages exceed the maximum common-mode voltage range.
The fast slew rate and great stability with capacitive loads make
the ADA4610-1/ADA4610-2/ADA4610-4 perfect fits for high
performance filters. Low input bias currents, low offset, and low
noise result in a wide dynamic range for photodiode amplifier
circuits. Low noise and distortion, high output current, and
excellent speed make the ADA4610-1/ADA4610-2/ADA4610-4
great choices for audio applications.
The ADA4610-1/ADA4610-2/ADA4610-4 are specified over
the −40°C to +125°C extended industrial temperature range.
The ADA4610-1 is available in an 8-lead SOIC package and in a
5-lead SOT-23 package. The ADA4610-2 is available in 8-lead
SOIC, 8-lead MSOP, and 8-lead LFCSP packages. The ADA4610-4
is available in a 14-lead SOIC package and in a 16-lead LFCSP.
Table 1. Related Precision JFET Operational Amplifiers
Single
Dual
Quad
AD8510
AD8512
AD8513
AD8610
AD8620
Not applicable
AD820
AD822
AD824
ADA4627-1/ADA4637-1
Not applicable
Not applicable
Not applicable
ADA4001-2
Not applicable


Similar Part No. - ADA4610-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4610-2ARZ-R7 AD-ADA4610-2ARZ-R7 Datasheet
376Kb / 20P
Low Noise, Precision, Rail-to-Rail Output
REV. A
ADA4610-2ARZ-R7 AD-ADA4610-2ARZ-R7 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
ADA4610-2ARZ-R7 AD-ADA4610-2ARZ-R7 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
More results

Similar Description - ADA4610-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
Output Rail-to-Rail
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
60MHz, Rail-to-Rail Output
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
60MHz, Rail-to-Rail Output
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
Rail-to-Rail Output
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com