Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183ACPZN1.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7183ACPZN1.5-R7
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183ACPZN1.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7183ACPZN1.5-R7 Datasheet HTML 1Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 2Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 3Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 4Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 5Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 6Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 7Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 8Page - Analog Devices ADP7183ACPZN1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
−300 mA, Ultralow Noise, High PSRR,
Low Dropout Linear Regulator
Data Sheet
ADP7183
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: −2.0 V to −5.5 V
Maximum output current: −300 mA
Fixed output voltage options: −0.5 V to −4.5 V
Adjustable output from −0.5 V to −VIN + 0.5 V
Low output noise: 4 μV rms from 100 Hz to 100 kHz
Noise spectral density: 20 nV/√Hz, 10 kHz to 1 MHz
Power supply rejection ratio (PSRR) at −300 mA load
75 dB typical at 10 kHz
62 dB typical at 100 kHz
40 dB typical at 1 MHz
Low dropout voltage: −130 mV typical at IOUT = −300 mA
Initial output voltage accuracy (VOUT): ±0.5% at IOUT = −10 mA
Output voltage accuracy over line, load, and temperature: ±2.6%
Operating supply current (IGND): −0.6 mA typical at no load
Low shutdown current: −2 μA typical at VIN = −5.5 V
Stable with small 4.7 μF ceramic input and output capacitor
Positive or negative enable logic
Current-limit and thermal overload protection
8-lead, 2 mm × 2 mm LFCSP package
Supported by ADIsimPOWER voltage regulator design tool
APPLICATIONS
Regulation to noise sensitive applications: analog-to-digital
converters (ADCs), digital-to-analog converters (DACs),
precision amplifiers
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
TYPICAL APPLICATION CIRCUITS
VOUT = –3.3V
COUT
4.7µF
CA
1µF
CAFB
10nF
+1.25V
0V
–1.3V
OFF
ON
VIN
EN
VREG
GND
VOUT
SENSE
VA
VAFB
CIN
4.7µF
VIN = –3.8V
CREG
1µF
ADP7183
EP
Figure 1. ADP7183 with Fixed Output Voltage, VOUT = −3.3 V
VOUT = –2.5V
COUT
4.7µF
+1.25V
0V
–1.3V
OFF
ON
VIN
EN
VREG
GND
VOUT
SENSE
VA
VAFB
CIN
4.7µF
VIN = –3V
CREG
1µF
ADP7183
CA
1µF
CAFB
10nF
R2
24.9kΩ
R1
100kΩ
EP
Figure 2. ADP7183 with Adjustable Output Voltage, VOUT = −2.5 V
GENERAL DESCRIPTION
The ADP7183 is a complementary metal oxide semiconductor
(CMOS), low dropout (LDO) linear regulator that operates
from −2.0 V to −5.5 V and provides up to −300 mA of output
current. This LDO regulator is ideal for regulation of high
performance analog and mixed-signal circuits operating
from −0.5 V down to −4.5 V. Using an advanced proprietary
architecture, the ADP7183 provides high PSRR and low noise,
and it achieves excellent line and load transient response with a
small 4.7 μF ceramic output capacitor.
The ADP7183 is available in 15 fixed output voltage options.
The following voltages are available from stock: −0.5 V, −1.0 V,
−1.2 V, −1.5 V, −1.8 V, −2.0 V, −2.5 V, −3.0 V, and −3.3 V.
Additional voltages available by special order are −0.8 V, −0.9 V,
−1.3 V, −2.8 V, −4.2 V, and −4.5 V. An adjustable version is also
available that allows output voltages that range from −0.5 V to
−VIN + 0.5 V with an external feedback divider.
The enable logic feature is capable of interfacing with positive
or negative logic levels for maximum flexibility.
The ADP7183 regulator output noise is 4 μV rms independent
of the output voltage. The ADP7183 is available in an 8-lead,
2 mm × 2 mm LFCSP, making it not only a very compact
solution but also providing excellent thermal performance for
applications requiring up to −300 mA of output current in a
small, low profile footprint.


Similar Part No. - ADP7183ACPZN1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
Output voltage accuracy
Rev. 0
More results

Similar Description - ADP7183ACPZN1.5-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2020 NSC-AN-2020 Datasheet
611Kb / 10P
Thermal Design By Insight, Not Hindsight
logo
Fairchild Semiconductor
AN-7701 FAIRCHILD-AN-7701 Datasheet
276Kb / 3P
FL7701 Design Tool Flow
AN-7730 FAIRCHILD-AN-7730 Datasheet
729Kb / 6P
FL7730 Design Tool Flow
AN-7732 FAIRCHILD-AN-7732 Datasheet
374Kb / 4P
FL7732 Design Tool Flow (Flyback)
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
RadHard-by-Design RHD5964 Precision Voltage Reference
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
UT90NHBD AEROFLEX-UT90NHBD Datasheet
47Kb / 4P
Hardened-by-Design (HBD) Standard Cell
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
Hardened-by-Design (HBD) Standard Cell
logo
RRC power solutions Ltd...
SMBUS-READER RRC-SMBUS-READER Datasheet
164Kb / 2P
Design-In Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com