Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-2BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4610-2BRZ-R7
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4610-2BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4610-2BRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. G | Page 10 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
400
350
300
250
200
150
100
50
0
–1000 –800 –600 –400 –200
0
200
400
600
800 1000 1200
OFFSET VOLTAGE (µV)
SOIC
Figure 9. Input Offset Voltage Distribution, VSY = ±5 V
350
300
250
200
150
100
50
0
TCVOS (µV/°C)
SOIC
Figure 10. Input Offset Voltage Drift (TCVOS) Distribution, VSY = ±5 V
–1500
–1000
–500
0
500
1000
1500
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
MEAN
MEAN + 3σ
MEAN – 3σ
Figure 11. Input Offset Voltage vs. Common-Mode Input Voltage (VCM),
VSY = ±5 V, RL = ∞
400
350
300
250
200
150
100
50
0
–1000 –800 –600 –400 –200
0
200
400
600
800 1000 1200
OFFSET VOLTAGE (µV)
SOIC
Figure 12. Input Offset Voltage Distribution, VSY = ±15 V
350
300
250
200
150
100
50
0
TCVOS (µV/°C)
SOIC
Figure 13. TCVOS Distribution, VSY = ±15 V
–1500
–1000
–500
0
500
1000
1500
–15
–10
–5
0
VCM (V)
5
10
15
MEAN
MEAN + 3σ
MEAN – 3σ
Figure 14. Input Offset Voltage vs. Input Common-Mode Voltage (VCM),
VSY = ±15 V, RL = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com