Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183ACPZN2.0-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7183ACPZN2.0-R7
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183ACPZN2.0-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7183ACPZN2.0-R7 Datasheet HTML 10Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 11Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 12Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 13Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 14Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 15Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 16Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 17Page - Analog Devices ADP7183ACPZN2.0-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADP7183
Data Sheet
Rev. 0 | Page 14 of 19
START-UP TIME
When the output is enabled, the ADP7183 uses an internal soft
start to limit the inrush current. The start-up time for a −1.2 V
output is approximately 12 ms from the time the EN active
threshold is crossed to the time when the output reaches 90%
of its final value (see Figure 44). As shown in Figure 44 and
Figure 45, the start-up time is dependent upon the output
voltage option and the value of the CAFB capacitor.
TIME (ms)
EN
VOUT = –4.5V
VOUT = –3.3V
VOUT = –2.5V
VOUT = –1.2V
–6
–5
–4
–3
–2
–1
0
1
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Figure 44. Start-Up Time at Various Output Voltages, CAFB = 10 nF, CA = 1 μF
The total start-up time depends mostly on the CA and CAFB
values expressed by the τ1 and τ2 equations (see Equation 1 and
Equation 2). During startup, an internal circuit, GM_START, turns
on and helps charge CA up to 90% of the final value. Estimate the
first time constant, τ1, due to CA by
τ1 ≈ CA × ((R1 + R2) // ZOUT)
(2)
During this time, keep ZOUT low to approximately 1 kΩ to allow
quick start-up times, keeping τ1 in the order of 1 ms.
TIME (ms)
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
10
30
50
70
90
110 130 150 170 190 210 230
EN
CAFB = 1nF
CAFB = 10nF
CAFB = 100nF
CAFB = 1µF
Figure 45. Start-Up Time at Various CAFB Capacitor Values, CA = 1 μF
A second time constant, τ2, is dependent mainly on CAFB. Figure 45
shows how the CAFB value affects the start-up time. Estimate τ2 by
τ2 ≈ CAFB × R1
(3)
The R1 value scales vs. the VOUT option. Table 6 shows the R1
value depending on the fixed output voltage option, whereas R2
is constant at 500 kΩ. For example, at a fixed VOUT = −3.3 V, R1
is equal to 2.8 MΩ. To keep τ2 at a minimum, it is recommended
that CAFB be in the approximately nanofarad range. A typical setup
for the ADP7183 is CAFB = 10 nF; therefore, τ2 = 28 ms. The total
time constant, τTOTAL, is the sum of τ1 and τ2. At 2.2 × τTOTAL, VA is
equal to ~90% of the final value. Therefore, for a fixed VOUT =
−3.3 V, the output voltage is ~90% of the final value after 63.8 ms.
Table 6. R1 and R2 Values for the Fixed Output Options
Output Voltage (V)
R1 (Ω)
R2 (kΩ)
−1.2
700 k
500
−2.5
2 M
500
−3.3
2.8 M
500
−4.5
4 M
500
Note that τ1 and τ2 are estimates only and do not take into account
that GM and ZOUT dynamically change. It is an accurate estimate
of ~90% of the start-up time for the CAFB < 10 nF recommended
setup, where ~100% of the settling time can easily be achieved.
Note that for setups with CAFB >> 10 nF, the equation may not
hold true anymore. However, it is still a convenient estimate on
the amount of time needed to achieve ~100% of the settling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com