Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5130 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5130
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5130 Datasheet HTML 1Page - Analog Devices ADRF5130 Datasheet HTML 2Page - Analog Devices ADRF5130 Datasheet HTML 3Page - Analog Devices ADRF5130 Datasheet HTML 4Page - Analog Devices ADRF5130 Datasheet HTML 5Page - Analog Devices ADRF5130 Datasheet HTML 6Page - Analog Devices ADRF5130 Datasheet HTML 7Page - Analog Devices ADRF5130 Datasheet HTML 8Page - Analog Devices ADRF5130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ADRF5130* Product Page Quick Links
Last Content Update: 01/26/2017
Comparable Parts
View a parametric search of comparable parts
Evaluation Kits
• ADRF5130 Evaluation Board
Documentation
Data Sheet
• ADRF5130: High Power, 44 W Peak, Silicon SPDT,
Reflective Switch, 0.7 GHz to 3.5 GHz Data Sheet
Tools and Simulations
• ADRF5130 S-parameters
Reference Materials
Press
• Analog Devices’ Silicon Switch Reduces Size and Power
Consumption in Cellular Radio RF Front Ends
Design Resources
• ADRF5130 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
Discussions
View all ADRF5130 EngineerZone Discussions
Sample and Buy
Visit the product page to see pricing options
Technical Support
Submit a technical question or find your regional support
number
*This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the
content on this page will not trigger a change to either the revision number or the content of the product data sheet. This
dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com