Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5020BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5020BCCZN-R7
Description  Microwave radios and very small aperture terminals
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5020BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5020BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5020BCCZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADRF5020
Data Sheet
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
3.10
3.00
2.90
0.776
0.726
0.676
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
1.70
1.60 SQ
1.50
0.40
BSC
0.13
REF
0.70
REF
1.60 REF
SQ
0.25
0.20
0.15
0.30
0.25
0.20
0.236
0.196
0.156
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.530 REF
CHAMFERED
PIN 1 (0.3 × 45°)
PIN 1
CORNER AREA
Figure 24. 20-Terminal Land Grid Array [LGA]
3 mm × 3 mm Body and 0.72 mm Package Height
(CC-20-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package Option
Branding3
ADRF5020BCCZN
−40°C to +85°C
MSL3
20-Terminal Land Grid Array [LGA]
CC-20-3
XXXX
020
ADRF5020BCCZN-R7
−40°C to +85°C
MSL3
20-Terminal Land Grid Array [LGA]
CC-20-3
XXXX
020
ADRF5020-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.
2 See the Absolute Maximum Ratings section.
3 XXXX is the 4-digit lot number.
©2016–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14581-0-2/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com