Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM748 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM748
Description  LM748 Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM748 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM748 Datasheet HTML 1Page - National Semiconductor (TI) LM748 Datasheet HTML 2Page - National Semiconductor (TI) LM748 Datasheet HTML 3Page - National Semiconductor (TI) LM748 Datasheet HTML 4Page - National Semiconductor (TI) LM748 Datasheet HTML 5Page - National Semiconductor (TI) LM748 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
22V
Power Dissipation (Note 1)
500 mW
Differential Input Voltage
g
30V
Input Voltage (Note 2)
g
15V
Output Short-Circuit Duration (Note 3)
Operating Temperature Range
LM748C
0 Cto a70C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
a
300 C
Electrical Characteristics (Note 4)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
TA e 25 C RS s 10 kX
10
50
mV
Input Offset Current
TA e 25 C
40
200
nA
Input Bias Current
TA e 25 C
120
500
nA
Input Resistance
TA e 25 C
300
800
kX
Supply Current
TA e 25 C VS e g15V
18
28
mA
Large Signal
TA e 25 C VS e g15V
50
160
VmV
Voltage Gain
VOUT e g10V RL t 2kX
Input Offset Voltage
RS s 10 kX
60
mV
Average Temperature
RS s 50X
30
m
V C
Coefficient of Input
RS s 10 kX
60
m
V C
Offset Voltage
Input Offset Current
TA e 0 Cto a70 C
300
nA
TA eb55 Cto a125 C
500
nA
Input Bias Current
TA e 0 Cto a70 C
08
m
A
TA eb55 Cto a125 C
15
m
A
Supply Current
TA ea125 C VS e g15V
12
225
mA
TA eb55 Cto a125 C
19
33
mA
Large Signal
VS e g15V VOUT e g10V
25
VmV
Voltage Gain
RL t 2kX
Output Voltage
VS e g15V RL e 10 kX
g
12
g
14
V
Swing
VS e g15V RL e 2kX
g
10
g
13
V
Input Voltage Range
VS e g15V
g
12
V
Common-Mode
RS s 10 kX
70
90
dB
Rejection Ratio
Supply Voltage
RS s 10 kX
77
90
dB
Rejection Ratio
Note 1
For operating at elevated temperatures the device must be derated based on a maximum junction to case thermal resistance of 45 C per watt or 150 C
per watt junction to ambient (See Curves)
Note 2
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 3
Continuous short circuit is allowed for case temperatures to a125 C and ambient temperatures to a70 C
Note 4
These specifications apply for g5V s VS s a15V and 0 C s TA s a70 C unless otherwise specified
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com