Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206C331KBGACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C331KBGACTU
Description  Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-10% Tol, 630 V, C0G, 1206 (3216 metric)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C331KBGACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C331KBGACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - a587b293-91c2-4de5-967c-c3946dd330b7
KEMET Part Number: C1206C331KBGACTU
(C1206C331KBGAC7800)
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, +/-10% Tol, 630 V, C0G, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
T
1
+/-0.10
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1206 (3216 metric)
Temperature Coefficient: C0G
Part Type Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 330 pF
Voltage: 630 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 0.1%
Failure Rate: N/A
Aging Rate: 0% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 945 V
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C331KBGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C331K3RACTU KEMET-C1206C331K3RACTU Datasheet
61Kb / 1P
SMD Comm X7R, Ceramic, 330 pF, 10%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1206C331K5GACTU KEMET-C1206C331K5GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-10% Tol, 50 V, C0G, 1206 (3216 metric)
C1206C331KCGAC KEMET-C1206C331KCGAC Datasheet
125Kb / 4P
Ceramic Capacitor
C1206C331KCGACAUTO KEMET-C1206C331KCGACAUTO Datasheet
71Kb / 1P
SMD Auto C0G HV, Ceramic, 330 pF, 10%, 500 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C331KCRACTU KEMET-C1206C331KCRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 330 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
More results

Similar Description - C1206C331KBGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C331J1GACTU KEMET-C1206C331J1GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-5% Tol, 100 V, C0G, 1206 (3216 metric)
C1206C151JBGACTU KEMET-C1206C151JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 150 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C220JBGACTU KEMET-C1206C220JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 22 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C271JBGACTU KEMET-C1206C271JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 270 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C330JBGACTU KEMET-C1206C330JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C331K5GACTU KEMET-C1206C331K5GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-10% Tol, 50 V, C0G, 1206 (3216 metric)
C1206C471JBGACTU KEMET-C1206C471JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 470 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C100JBGACTU KEMET-C1206C100JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 10 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C101JBGACTU KEMET-C1206C101JBGACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 100 pF, /-5% Tol, 630 V, C0G, 1206 (3216 metric)
C1206C331J5GACTU KEMET-C1206C331J5GACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 330 pF, /-5% Tol, 50 V, C0G, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com