Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT0618 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT0618
Description  RT0618
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT0618 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT0618 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT0618 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
:
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Voltage
Stand-By Current
Operating Current
Operating Frequency
BZ1, BZ2
Driving Current
Vcc
Isb
Iop
Ioh
Iol
Fop
2.0
1.0
1.0
70
3.0
10
300
80
5.0
20
500
128
V
uA
uA
mA
mA
KHZ
Symbol
Vcc
Vi
Vo
Tst
Ttp
Parameter
Supply Voltage
Input Voltage
Output Voltage
Storage Temperature
Operating Temperature
Rating
-0.3 ~ 6
-0.3 ~ Vcc +0.3
-0.3 ~ Vcc +0.3
-40 ~125
0 ~ 65
Unit
V
V
V
Vcc=3V , Temp.=25
Absolute Maximum Ratings
Rato
RT0618
2000.04.11
2
:
I/O
I
I
O
O
1
2
3
4
5
6
7
Vcc
S1
S2
S3
S4
S5
S6
6
,
,
VDD
,
GND or N.C.
, S1~S6
,
:
S1>S2>S6>S4>S5>S3
VDD ,
PULL-UP
,
BZ1,BZ2
,
,
GND
103p
8
9
11
12
13
14
16
15
10
GND
INI
BZ1
BZ2
OSC1
OSC2
NC
NC1
NC2
,



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com