Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5676 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5676
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices AD5676 Datasheet HTML 21Page - Analog Devices AD5676 Datasheet HTML 22Page - Analog Devices AD5676 Datasheet HTML 23Page - Analog Devices AD5676 Datasheet HTML 24Page - Analog Devices AD5676 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 20 of 27
SERIAL INTERFACE
The AD5676 has a 3-wire serial interface (SYNC, SCLK, and
SDI) that is compatible with SPI, QSPI™, and MICROWIRE
interface standards as well as most DSPs. See Figure 2 for a
timing diagram of a typical write sequence. The AD5676 contains
an SDO pin that allows the user to daisy chain multiple devices
together (see the Daisy-Chain Operation section) or for readback.
Input Shift Register
The input shift register of the AD5676 is 24 bits wide. Data
is loaded MSB first (DB23), and the first four bits are the
command bits, C3 to C0 (see Table 9), followed by the 4-bit
DAC address bits, A3 to A0 (see Table 10), and finally, the 16-
bit data-word.
The data-word comprises 16-bit input code, followed by zero, two,
or four don’t care bits. These data bits are transferred to the input
register on the 24 falling edges of SCLK and are updated on the
rising edge of SYNC.
Commands execute on individual DAC channels, combined DAC
channels, or on all DACs, depending on the address bits selected.
Table 9. Command Bit Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (where n = 1 to 8,
depending on the DAC selected from the
address bits in Table 10), dependent
on LDAC
0
0
1
0
Update the DAC register with contents of
Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up the DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Gain setup register (LFCSP package only)
1
0
0
0
Set up the DCEN register (daisy-chain
enable)
1
0
0
1
Set up the readback register (readback
enable)
1
0
1
0
Update all channels of the input register
simultaneously with the input data
1
0
1
1
Update all channels of the DAC register
and input register simultaneously with
the input data
1
1
0
0
Reserved
…
…
…
…
1
1
1
1
Reserved
Table 10. Address Bits and Selected DACs
Address Bits
Selected Output DAC
Channel1
A3
A2
A1
A0
0
0
0
0
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
Any combination of DAC channels can be selected using the address bits.
ADDRESS BITS
COMMAND BITS
A3
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS
Figure 43. Input Shift Register Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com