Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7403BRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7403BRIZ
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403BRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7403BRIZ Datasheet HTML 9Page - Analog Devices AD7403BRIZ Datasheet HTML 10Page - Analog Devices AD7403BRIZ Datasheet HTML 11Page - Analog Devices AD7403BRIZ Datasheet HTML 12Page - Analog Devices AD7403BRIZ Datasheet HTML 13Page - Analog Devices AD7403BRIZ Datasheet HTML 14Page - Analog Devices AD7403BRIZ Datasheet HTML 15Page - Analog Devices AD7403BRIZ Datasheet HTML 16Page - Analog Devices AD7403BRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD7403
Data Sheet
–200
–150
–100
–50
0
50
100
150
200
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
MCLKIN = 20MHz
Figure 19. AD7403 Offset vs. Temperature
TEMPERATURE (°C)
–400
–200
0
200
400
600
800
–50
–25
0
25
50
75
100
125
MCLKIN = 10MHz
MCLKIN = 16MHz
MCLKIN = 20MHz
Figure 20. AD7403-8 Offset vs. Temperature
–10
–8
–6
–4
–2
0
2
4
6
8
10
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
MCLKIN = 10MHz
MCLKIN = 20MHz
Figure 21. Gain Error vs. Temperature
0
5
10
15
20
25
30
35
4.50
4.75
5.00
5.25
5.50
VDD1 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +85°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +85°C
MCLKIN = 10MHz, +125°C
Figure 22. IDD1 vs. VDD1 at Various Temperatures and Clock Rates
25
26
27
28
29
30
31
32
–250
–125
0
125
250
VIN+ DC INPUT (mV)
DC INPUT
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 23. IDD1 vs. VIN+ DC Input at Various Temperatures
0
2
4
6
8
10
12
14
3.0
4.0
3.5
4.5
5.0
5.5
VDD2 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +85°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +85°C
MCLKIN = 10MHz, +125°C
Figure 24. IDD2 vs. VDD2 at Various Temperatures and Clock Rates
Rev. B | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com