Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP13005 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SBP13005
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBP13005 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBP13005 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 5Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
1
234
1
10
T
J = 25
oC
I
C, Collector Current [A]
0
1234
5
10
100
1000
T
J = 25
oC
I
C, Collector Current [A]
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.1
1
10
0.01
0.1
1
10
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.01
0.1
1
0
5
10
15
20
25
30
35
40
45
T
J = 125
oC
T
J = 25
oC
I
C, Collector Current [A]
01
234
5
0
1
2
3
4
5
6
I
B = 100mA
I
B = 1000mA
I
B = 800mA
I
B = 600mA
I
B = 500mA
I
B = 400mA
I
B = 300mA
I
B = 200mA
I
B = 0mA
V
CE, Collector-Emitter Voltage [V]
SBP13005
3/6
Fig 1. Static Characteristics
Fig 2. DC Current Gain
Fig 3. Collector-Emitter Saturation Voltage
Fig 4. Base-Emitter Saturation Voltage
Fig 5. Resistive Load Fall Time
Fig 6. Resistive Load Storage Time
※
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
※
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
※
Notes :
VCE = 5V
VCE = 1V
※
Note :
hFE = 5
※
Note :
hFE = 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com