Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403ITSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1403ITSTR Datasheet HTML 1Page - Semtech Corporation SC1403ITSTR Datasheet HTML 2Page - Semtech Corporation SC1403ITSTR Datasheet HTML 3Page - Semtech Corporation SC1403ITSTR Datasheet HTML 4Page - Semtech Corporation SC1403ITSTR Datasheet HTML 5Page - Semtech Corporation SC1403ITSTR Datasheet HTML 6Page - Semtech Corporation SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
 2002 Semtech Corp.
www.semtech.com
SC1403
PRELIMINARY
POWER MANAGEMENT
PRELIMINARY
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
k
n
i
S
F
E
R
0
1A
µ
e
g
a
tl
o
V
t
u
o
k
c
o
L
tl
u
a
F
F
E
Re
g
d
e
g
n
il
l
a
F8
.
12
.
2V
t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
O
+
V
,
n
o
S
P
M
S
h
t
o
b
,
5
T
U
O
V
o
t
r
e
v
o
d
e
h
c
ti
w
s
L
V
A
0
=
5
d
a
o
L
I
,
A
0
=
3
d
a
o
L
I
0
10
5A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
S
+
V,f
f
o
S
P
M
S
,
V
0
3
o
t
V
6
=
+
V
#
N
D
H
S
o
t
n
i
t
n
e
r
r
u
c
s
e
d
u
l
c
n
i
0
8
1
t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
d
t
u
h
S
+
VV
0
=
#
N
D
H
S
,
V
0
3
o
t
V
6
=
+
V4
0
1
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
,
V
0
=
5
B
F
=
3
B
F
,
d
e
l
b
a
n
e
S
P
M
S
S
P
M
S
n
o
d
a
o
L
o
N
0
.
6W
m
N
O
I
T
C
E
T
E
D
T
L
U
A
F
d
l
o
h
s
e
r
h
T
p
ir
T
e
g
a
tl
o
v
r
e
v
O
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
d
a
o
l
n
u
o
t
t
c
e
p
s
e
r
h
ti
W7
0
15
1%
tl
u
a
F
-
e
g
a
tl
o
v
r
e
v
O
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
V
p
ir
t
e
g
a
tl
o
v
r
e
v
o
e
v
o
b
a
%
2
n
e
v
ir
d
t
u
p
t
u
O
H
T
5
.
1s
µ
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
v
r
e
d
n
U
t
u
p
t
u
O
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
d
a
o
l
n
u
o
t
t
c
e
p
s
e
r
h
ti
W5
65
75
8%
t
u
o
k
c
o
L
e
g
a
tl
o
v
r
e
d
n
U
t
u
p
t
u
O
e
m
i
T
f
o
t
t
c
e
p
s
e
r
h
ti
w
,
d
e
l
b
a
n
e
S
P
M
S
h
c
a
e
m
o
r
F
C
S
O
0
0
0
54
4
1
60
0
0
7s
k
l
c
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TC
°
0
1
+
=
s
i
s
e
r
e
t
s
y
h
l
a
c
i
p
y
T0
5
1C
°
#
T
E
S
E
R
d
l
o
h
s
e
r
h
T
p
ir
T
#
T
E
S
E
R
,
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
d
a
o
l
n
u
o
t
t
c
e
p
s
e
r
h
ti
W
%
1
=
s
i
s
e
r
e
t
s
y
h
l
a
c
i
p
y
t
;
e
g
d
e
g
n
il
l
a
f
3
1
-0
1
-7
-%
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
#
T
E
S
E
R
w
o
l
e
b
%
2
n
e
v
ir
d
t
u
p
t
u
o
,
e
g
d
e
g
n
il
l
a
F
d
l
o
h
s
e
r
h
t
p
ir
t
#
T
E
S
E
R
5
.
1s
µ
e
m
i
T
y
a
l
e
D
#
T
E
S
E
Rf
o
t
t
c
e
p
s
e
r
h
ti
W
C
S
O
0
0
0
,
7
20
0
0
,
2
30
0
0
,
7
3
s
k
l
c
S
T
U
P
T
U
O
D
N
A
S
T
U
P
N
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
k
c
a
b
d
e
e
FV
6
.
2
=
5
B
F
,
3
B
F+1
A
µ
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
c
i
g
o
L
C
N
Y
S
,
#
N
D
H
S
,
5
N
O
,
#
E
V
A
S
P
,
3
N
O
)
L
V
r
o
V
0
=
Q
E
S
(
6
.
0V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
L
C
N
Y
S
,
#
N
D
H
S
,
5
N
O
,
#
E
V
A
S
P
,
3
N
O
)
L
V
r
o
V
0
=
Q
E
S
(
4
.
2V
Electrical Characteristics (Cont.)
Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T
A =-40 to 85°C. Typical values are at
T
A = +25°C. Circuit = Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com