Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1R-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 10Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 11Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 12Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 13Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
Rev. 0 | Page 13 of 14
ORDERING INFORMATION
BILL OF MATERIALS
Table 10. Bill of Materials for ADA4530-1R-EBZ-TIA
Qty
Reference
Designator
Description
Manufacturer Part Number
Distributor
1
U1
Femtoampere input bias current
electrometer amplifier (device under test)
Analog Devices, Inc., ADA4530-1
2
C1, C2
0.1 μF, 50 V, 5%, 0805
Kemet, C0805C104J5RACTU
Digi-Key, 399-1171-6-ND
2
C3, C4
10 μF, 35 V, 10%, 7343
AVX, TPSD106K035R0125
Digi-Key, 478-3337-2-ND
1
RO
499 Ω, 0.125 W, 1%, 0805
Panasonic, ERJ-6ENF4990V
Digi-Key, P499CCT-ND
2
RS1, JP2
0 Ω, 0.25 W, 0.05%, 1206
Panasonic, ERJ-8GEY0R00V
Digi-Key, P0.0ECT-ND
1
RF1
10G Ω, 0.25W, 10%, 1206
Ohmite, HVC1206Z1008KET
Digi-Key,
HVC1206Z1008KETCT-ND
1
J1
BNC connector, right angle
Trompeter/Cinch Connectivity,
UCBBJR29
Mouser, 530-UCBBJR29
1
J2
BNC connector, through hole
TE Connectivity, 1-1337445-0
Digi-Key, A101972-ND
1
JP3
3-pin header, 100 mil spacing
Samtec, TSW-103-08-G-S
Digi-Key, SAM1038-03-ND
3
J3, J4, J5
Banana jack, panel mount
Emerson Network Power
Connectivity Johnson, 108-0740-001
Digi-Key, J147-ND
1
J6
Terminal block, 2-position
Keystone, 8718
Mouser, 534-8718
1
J7
Terminal block, 3-position
Keystone, 8719
Mouser,534-8719
3
P4, P7, VOUT
Pin receptacle, 22 mil to 32 mil pin diameter
Mill-Max, 0294-0-15-15-06-27-10-0
Digi-Key, ED90072-ND
1
SHIELD1, SHEILD3
1.0 x 1.5 x 0.25 RF shield
Fotofab, DMP-1.0 X 1.5 X 0.25
Digi-Key, 655-1015-ND
1
SHIELD2
1.5 x 3.0 x 0.75 RF shield
Fotofab, 1.5 X 3.0 X 0.75
3
N/A1
RF shield clip (to be used with SHIELD2)
Harwin, Inc., S1711-46R
Digi-Key, 952-1475-1-ND
1 N/A means not applicable.
Table 11. Bill of Materials for ADA4530-1R-EBZ-BUF
Qty
Reference
Designator
Description
Manufacturer Part Number
Distributor
1
U1
Femtoampere Input bias current
electrometer amplifier (device under test)
Analog Devices, Inc., ADA4530-1
2
C1, C2
0.1 μF, 50 V, 5%, 0805
Kemet, C0805C104J5RACTU
Digi-Key, 399-1171-6-ND
2
C3, C4
10 μF, 35 V, 10%, 7343
AVX, TPSD106K035R0125
Digi-Key, 478-3337-2-ND
1
RO
499 Ω, 0.125 W, 1%, 0805
Panasonic, ERJ-6ENF4990V
Digi-Key, P499CCT-ND
3
RF1, JP1
0 Ω, 0.25 W, 0.05%, 1206
Panasonic, ERJ-8GEY0R00V
Digi-Key, P0.0ECT-ND
1
J1
Triax connector, right angle, 3-lug
Emerson Network Power
Connectivity Trompeter, CBBJR79/A
Digi-Key, 1097-1046-ND
1
J2
BNC connector, through hole
TE Connectivity, 1-1337445-0
Digi-Key, A101972-ND
1
JP3
3-pin header, 100 mil spacing
Samtec TSW-103-08-G-S
Digi-Key, SAM1038-03-ND
3
J3, J4, J5
Banana jack, panel mount
Emerson Network Power
Connectivity Johnson, 108-0740-001
Digi-Key, J147-ND
1
J6
Terminal block, 2-position
Keystone, 8718
Mouser, 534-8718
1
J7
Terminal block, 3-position
Keystone, 8719
Mouser, 534-8719
3
P4, P7, VOUT
Pin receptacle, 22 mil to 32 mil pin diameter
Mill-Max, 0294-0-15-15-06-27-10-0
Digi-Key, ED90072-ND
1
SHIELD1, SHEILD3
1.0 x 1.5 x 0.25 RF shield
Fotofab, DMP-1.0 X 1.5 X 0.25
Digi-Key, 655-1015-ND
1
SHIELD2
1.5 x 3.0 x 0.75 RF Shield
Fotofab, 1.5 X 3.0 X 0.75
3
N/A1
RF shield clip (to be used with SHIELD2)
Harwin, Inc., S1711-46R
Digi-Key, 952-1475-1-ND
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com