Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571R-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4571R-EBZ
Description  Customer supplied 6 V to 12 V bench supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571R-EBZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4571R-EBZ Datasheet HTML 1Page - Analog Devices ADA4571R-EBZ Datasheet HTML 2Page - Analog Devices ADA4571R-EBZ Datasheet HTML 3Page - Analog Devices ADA4571R-EBZ Datasheet HTML 4Page - Analog Devices ADA4571R-EBZ Datasheet HTML 5Page - Analog Devices ADA4571R-EBZ Datasheet HTML 6Page - Analog Devices ADA4571R-EBZ Datasheet HTML 7Page - Analog Devices ADA4571R-EBZ Datasheet HTML 8Page - Analog Devices ADA4571R-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
GETTING STARTED
SOFTWARE INSTALLATION PROCEDURES
There are two pieces of software to install: the Windows GUI
and the SDP drivers.
Windows GUI Installation
Use the following steps to install the GUI.
1. Before connecting the USB cable or powering the board,
insert the ADA4571-EBZ setup CD and from the installer
directory, run the installer Setup.exe.
2. When the Destination Directory screen appears (see
Figure 2), click Next. Optionally, you may change the
destination folder by clicking Browse, selecting a different
destination folder, and clicking Next.
Figure 2. Choose Destination Location
3. When the Start Installation window appears click Next to
continue with the installation (see Figure 3).
Figure 3. Review Installation
4. Click Next to complete installation of the Windows
LabVIEW GUI.
SDP Installation
Next, install the Analog Devices, Inc., SDP driver. This driver
allows the SDP control board to interface with the LabVIEW
GUI.
1. When the SDP drivers setup wizard appears, click Next
(see Figure 4).
Figure 4. SDP Driver Installation
2. When the Choose Install Location screen appears (see
Figure 5), click Next. Optionally, you may change the
destination folder by clicking Browse, selecting a different
destination folder, and clicking Next.
Figure 5. Choose Install Location
3. Click Finish to complete the installation of the SDP
drivers.
4. Connect the SDP control card to the motherboard and
plug the SDP control card into the PC with the supplied
USB cable. The computer now recognizes the SDP control
board and the LabVIEW GUI may be opened to continue.
Rev. 0 | Page 3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com