Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4571
Description  Customer supplied 6 V to 12 V bench supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4571 Datasheet HTML 2Page - Analog Devices ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices ADA4571 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UG-739
ADA4571R-EBZ User Guide
OVERVIEW OF THE MAIN GUI WINDOW
Figure 6 shows the main GUI window, as it appears, after
launching the GUI.
When the program is first launched the SDP controller board
must be recognized by the GUI before proceeding. Pressing
Connect SDP reads the EEPROM ID of the motherboard to
ensure the correct program is being used. If the SDP controller
board is not connected or if the drivers are not installed
correctly an error message will be shown. Ensure that the
drivers are installed correctly if this occurs.
After the SDP control board is properly connected and the
program recognizes the motherboard, the Instructions tab
appears. Click the Read tab to begin.
Initially all of the figures will be blank. To begin press Run (see
Figure 6). The various output graphs are explained in detail in
the following sections.
There are two different categories of output waveforms as
indicated by the GUI. The waveforms on the top of each tab,
indicated as Uncorrected Plots, are without any post processing
to correct for output offset before calculations are done on the
raw data. In the case of the bottom waveforms, indicated as
Offset Corrected Plots, the offset of each channel is subtracted
from the raw data before completing any further calculations.
These differences are discussed in further detail for each
waveform in the Raw Waveforms section.
Figure 6. ADA4571 Main Window
Rev. 0 | Page 6 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com