Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405B Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1405B
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405B Datasheet(HTML) 2 Page - Semtech Corporation

  SC1405B Datasheet HTML 1Page - Semtech Corporation SC1405B Datasheet HTML 2Page - Semtech Corporation SC1405B Datasheet HTML 3Page - Semtech Corporation SC1405B Datasheet HTML 4Page - Semtech Corporation SC1405B Datasheet HTML 5Page - Semtech Corporation SC1405B Datasheet HTML 6Page - Semtech Corporation SC1405B Datasheet HTML 7Page - Semtech Corporation SC1405B Datasheet HTML 8Page - Semtech Corporation SC1405B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1405B
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
tl
o
V
y
l
p
p
u
SV
V
S
X
A
M
7V
D
N
G
P
o
t
T
S
BX
A
M
V
D
N
G
P
-
T
S
B
0
3V
N
R
D
o
t
T
S
BX
A
M
V
N
R
D
-
T
S
B
8V
D
N
G
P
o
t
N
R
DX
A
M
V
N
G
P
-
N
R
D
5
2
o
t
2
-V
e
s
l
u
P
D
N
G
P
o
t
N
R
DX
A
M
V
E
S
L
U
P
t
E
S
L
U
P
s
n
0
0
1
<5
2
o
t
5
-V
D
N
G
P
o
t
S
_
P
V
OX
A
M
V
D
N
G
P
S
P
V
O
0
1V
n
i
P
t
u
p
n
IO
C3
.
8
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
it
n
o
Cd
PT
B
M
A
T
,
C
°
5
2
=
J
C
°
5
2
1
=
T
E
S
A
C
T
,
C
°
5
2
=
J
C
°
5
2
1
=
6
6
.
0
6
5
.
2
W
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
0
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
0
5
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
NOTE:
(1) Specification refers to application circuit in Figure 1.
Unless specified: -0 <
θ
J < 125°C; VCC = 6V; 4V < VBST < 26V
Electrical Characteristics - DC Operating Specifications
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
5
1
.
45
0
.
6V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qy
b
t
s
_
q
IV
0
=
N
E0
1A
µ
g
n
it
a
r
e
p
o
,t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qp
o
_
q
IV
C
C
V
0
=
O
C
,
V
5
=1
A
m
Y
D
R
P
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
h
g
i
HV
H
O
V
C
C
A
m
0
1
=
d
a
o
ll
,
V
6
.
4
=5
.
45
5
.
4V
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
w
o
LV
L
O
V
C
C
,
d
l
o
h
s
e
r
h
t
O
L
V
U
<
A
µ
0
1
=
d
a
o
ll
1
.
02
.
0V
t
n
e
r
r
u
C
k
n
i
SI
K
N
I
S
_
O
V
4
.
0
=
Y
D
R
P
V5
0
1A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com